Electronic Components Datasheet Search
  English  ▼

X  

0031320 Datasheet(PDF) 2 Page - Lapp.

Part # 0031320
Description  UNITRONIC® Li2YCY (TP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0031320 Datasheet(HTML) 2 Page - Lapp.

  0031320 Datasheet HTML 1Page - Lapp. 0031320 Datasheet HTML 2Page - Lapp. 0031320 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT INFORMATION
UNITRONIC® Li2YCY (TP)
Norm references / Approvals
Based on VDE 0812
Product Make-up
7-wire bare stranded copper conductor
Core insulation made of polyethylene (PE)
TP structure
Tinned-copper braiding
Outer sheath made of PVC
Outer sheath colour: pebble grey (RAL 7032)
Technical Data
Classification:
ETIM 5.0 Class-ID: EC000104
ETIM 5.0 Class-Description: Control cable
Core identification code:
DIN 47100, refer to Appendix T9
Mutual capacitance:
At 800 Hz: max. 60 nF/km
Peak operating voltage:
(not for power applications) 250 V
Inductivity:
approx. 0.65 mH/km
Conductor stranding:
Stranded conductor, based on VDE 0881, 7-wire
Minimum bending radius:
Occasional flexing: 15 x outer diameter
Fixed installation: 6 x outer diameter
Short-range crosstalk attenuation:
Up to 1 MHz min. 50 dB
Up to 10 MHz min. 40 dB
Test voltage:
Core/core: 2000 V
Core/screen: 1000 V
Characteristic impedance:
100 ± 15 Ohm (> 1 MHz)
Temperature range:
Occasional flexing: -5°C to +70°C
Fixed installation: -40°C to +80°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Please specify the preferred type of packaging (e.g. 1 x 500 m drum or 5 x 100 m coils).
TERMI-POINT® is a registered trademark of AMP
Photographs are not to scale and do not represent detailed images of the respective products.
Prices are net prices without VAT and surcharges. Sale to business customers only.
Last Update (15.09.2017)
2 / 3
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com