Electronic Components Datasheet Search
  English  ▼

X  

0015705 Datasheet(PDF) 2 Page - Lapp.

Part # 0015705
Description  ÖLFLEX® 150 QUATTRO / 150 CY QUATTRO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0015705 Datasheet(HTML) 2 Page - Lapp.

  0015705 Datasheet HTML 1Page - Lapp. 0015705 Datasheet HTML 2Page - Lapp. 0015705 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Information
Page 2 of 3
ÖLFLEX® 150 QUATTRO / 150 CY QUATTRO
Valid: 27.03.2008
Technical notes:
• Flame retardant acc. to IEC 60332-1-2 UL 1581 §1061 Cable Flame Test
Cable Make-up
As ÖLFLEX® 150 OUATTRO, additionally:
• PVC inner sheath
• Screen braiding made of tinned copper wires
Technical Data
Core identification code
Black cores with white numbers
Approvals
H05VV5-F (HD21.13)
UL AWM Style 2587 or 21098 CSA AWM I A/B II
A/B
Specific insulation resistance
> 20 GOhm x cm
Conductor stranding
Fine wire acc. to: VDE 0295 Kl.5 IEC 60228 Cl.5
Minimum bending radius
Flexing: 20 x cable diameter
Static: 6 x cable diameter
Rated voltage
HAR: U0/U=300/500 V
UL/CSA: 600 V
Test voltage
3000 V
Protective conductor
G = with protective conductor GN/YE
X = without protective conductor
Range of temperature
Occasional flexing: HAR: -5 °C to +70 °C UL/CSA: -5 °C to
+90 °C
Fixed installation: HAR: -40 °C to +70 °C UL/CSA: -40 °C
to +90 °C
Article List
Part
number
Number
of cores and
mm² per
conductor
Number
of cores and
MCM per
conductor
AWG
Outer
diameter in mm
approx.
Copper
index kg/km
approx.
Weight
kg/km approx.
ÖLFLEX® 150 CY QUATTRO
0015516
18 G 0,5
21
15,8
156.4
376
0015602
2 X 0,75
19
8,5
40
109
0015603
3 G 0,75
19
8,9
68
125
0015604
4 G 0,75
19
9,6
70
157
0015605
5 G 0,75
19
10,3
77
180
0015607
7 G 0,75
19
12,3
93
226
0015612
12 G 0,75
19
14,4
155
325



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com