Electronic Components Datasheet Search
  English  ▼

X  

DB0012640 Datasheet(PDF) 1 Page - Lapp.

Part # DB0012640
Description  ÖLFLEX® EB CY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

DB0012640 Datasheet(HTML) 1 Page - Lapp.

  DB0012640 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.I. Lapp
GmbH
DATA SHEET
ÖLFLEX® EB CY
DB 0012640
valid from: 2015-02-11
Originator:
KASC / PDC
approved:
HAPF / PDC
Document:
DB0012640EN
Page 1 of 1
All deviations from this specification are subject to explicit consent of U.I. Lapp GmbH. All rights reserved acc. to DIN 34.
PD 0019/2.1_11.09EN
Application
ÖLFLEX
® EB CY are PVC control cables with blue outer sheath for occasional flexible use and fixed installation in intrinsically
safe circuits. They are among others designed for use in dry, damp and wet rooms. Outdoor use: They may only be installed
with UV protection and considering the temperature range. At room temperature they are widely resistant to certain oils and
resistant to acids. They are suitable for non-continuously recurring movement without tensile load. Continuous operation
movement, compulsory guidance respectively usage on cable drums or pulleys or under a tensile strain of more than 15 N /
mm² conductor cross section are not allowed.
Application range:
Installation of intrinsically safe circuits, where a special cable marking for hazard area type “ i “ – intrinsic safety is specified;
The cables meet the requirements of DIN EN 60079-14(VDE 0165-1):2012-2 potentially explosive atmosphere. The screen is
a protection against electrical interference.
Design
Design
based on
DIN EN 50525-2-51 resp. VDE 0285-525-2-51
Conductor
fine wire strands of bare copper acc. to IEC 60228 resp. VDE 0295, Class 5
Core insulation
LAPP special PVC compound P8/1
PVC compound TI2 acc. to DIN EN 50363-3 resp. VDE 0207-363-3 with increased
Requirements acc. to Lapp specification
Core identification
acc. to VDE 0293-1, with or without GN/YE ground conductor
black cores with white numbers acc. to DIN EN 50334 resp. VDE 0293-334
Wrapping
plastic foil
Screen
braid of tinned copper, coverage = 85% (nominal value)
Outer sheath
PVC compound TM2 acc. to DIN EN 50363-4-1 resp. VDE 0207-363-4-1
with increased requirements acc. to Lapp specification
colour: blue, similar RAL 5015.
Electrical properties
Nominal voltage
300 / 500 V
Operating Voltage
< 50 V AC resp. < 75 V DC in intrinsically safe circuits
Test voltage
Core/Core:
3000 V AC
Core/Screen:
2000 V AC
Mechanical and thermal properties
Min. bending radius
occasional flexing:
20 x outer diameter
fixed installation:
6 x outer diameter
Temperature range
occasional flexing:
-5 °C up to +70 °C max. conductor temp.
fixed installation:
-40 °C up to +80 °C max. conductor temp.
Flammability
flame retardant in acc. to IEC 60332-1-2 resp. VDE 0482-332-1-2
Tests
acc. to IEC 60811 resp. VDE 0473-811, VDE 0472, EN 50395, EN 50396
EC-Directives
This cable is conform to the EC-Directives 2006/95/EC (Low Voltage Directive)
and 2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).


Similar Part No. - DB0012640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB001-00 ETC2-DB001-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Lapp.
DB0015003 LAPP-DB0015003 Datasheet
58Kb / 2P
ÖLFLEX® 150
2014-11-12
DB0015703 LAPP-DB0015703 Datasheet
60Kb / 2P
ÖLFLEX® 150 CY
2014-03-11
More results

Similar Description - DB0012640

ManufacturerPart #DatasheetDescription
logo
Lapp.
0011180 LAPP-0011180 Datasheet
75Kb / 1P
OLFLEX® 191 CY
01.01.2019
0015703 LAPP-0015703 Datasheet
73Kb / 1P
OLFLEX® 150 CY
01.01.2019
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
1136752 LAPP-1136752 Datasheet
65Kb / 1P
OLFLEX® CLASSIC 115 CY
01.01.2019
UDB201803 LAPP-UDB201803 Datasheet
130Kb / 2P
ÖLFLEX® TRAY VTC & VTCS
May 10, 2022
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com