Electronic Components Datasheet Search
  English  ▼

X  

0030921 Datasheet(PDF) 3 Page - Lapp.

Part # 0030921
Description  UNITRONIC® FD CP (TP) plus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0030921 Datasheet(HTML) 3 Page - Lapp.

  0030921 Datasheet HTML 1Page - Lapp. 0030921 Datasheet HTML 2Page - Lapp. 0030921 Datasheet HTML 3Page - Lapp. 0030921 Datasheet HTML 4Page - Lapp. 0030921 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT INFORMATION
UNITRONIC® FD CP (TP) plus
Test voltage:
Core/core: 1500 V rms
Core/screen: 500 V
Temperature range:
Flexing: -40°C to +80°C
Fixed installation: -40°C to +80°C
cULus CMX: max. +75°C
cRUus AWM: max. +80°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Please specify the preferred type of packaging (e.g. 1 x 500 m drum or 5 x 100 m coils).
Photographs and graphics are not to scale and do not represent detailed images of the respective products.
Prices are net prices without VAT and surcharges. Sale to business customers only.
Last Update (28.03.2019)
3 / 5
©2019 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com