Electronic Components Datasheet Search
  English  ▼

X  

DB0034060 Datasheet(PDF) 1 Page - Lapp.

Part # DB0034060
Description  UNITRONIC Li2YCY PiMF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

DB0034060 Datasheet(HTML) 1 Page - Lapp.

  DB0034060 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.I. Lapp
GmbH
DATA SHEET
UNITRONIC Li2YCY PiMF
DB0034060
valid from: 07.11.2013
Originator:
PESA / PDC
approved:
HAPF / PDC
Document:
DB0034060DE
page 1 of 1
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10EN
Application
UNITRONIC Li2YCY PiMF with individual screening of the pairs (PiMF: Pair in Metal Foil) is particularly suitable for wiring data
systems and controls in large industrial plants, for the transmission of sensitive signals and high bit rates for enhanced
requirements in near-end cross-talk attenuation and high electrical interference in the circuits. It can be used for measurement
value transmission and serial 2-wire interfaces.
Cables of this type are intended for limited flexible use, and for fixed installation in dry or damp interiors.
Design
Design based on standard VDE 0812
Conductor
7-wire strands of bare copper wires
Insulation
special Polyolefin-based compound
Core identification code
according to DIN 47100
Stranding
cores twisted to pairs,
pairs are screened with aluminium-laminated plastic foil with copper drain wire for each
pair, metal side inside, and taped with plastic foil,
screened pairs are stranded in layers, wrapping with foil on the outer layer
Screen
Braiding with tinned copper wires
Outer sheath
special PVC-based compound
colour: grey (RAL 7032)
Electrical properties at 20°C
Loop resistance
0.22 mm²: max. 186 Ω/km
0.34 mm²: max. 115 Ω/km
0.5 mm²: max. 78.4 Ω/km
0.75 mm²: max. 49 Ω/km
1.0 mm²: max. 36.2 Ω/km
Specific insulation resistance
> 5 G Ω x km
Mutual capacitance
C/C approx. 75 nF/km
(at 800 Hz)
Inductivity
approx. 0.4 mH/km
Characteristic impedance
approx. 85 Ω (> 1 MHz)
Attenuation
Short-range crosstalk attenuation:
min. 80 dB (up to 1 MHz)
Velocity of propagation
nom. 0.66 c
Peak working voltage
250 V (not for power applications)
Test voltage
C/C: 2000 V
C/S: 1000 V
Mechanical and thermal properties
Minimum bending radius
Flexing: 20 x cable Ø
Fixed installation: 10 x cable Ø
Temperature range
Flexing: - 5˚C up to +70˚C
Fixed installation: - 40˚C up to +80˚C
Flammability
flame retardant acc. to IEC 60332-1-2
EC directive
This cable is conform to the EC-Directive 2002/95/EC and 2011/65/EC
(RoHS, Restriction of the use of certain hazardous substances).


Similar Part No. - DB0034060

ManufacturerPart #DatasheetDescription
logo
Lapp.
DB0034302 LAPP-DB0034302 Datasheet
53Kb / 1P
UNITRONIC® LiYCY
21.07.2015
More results

Similar Description - DB0034060

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028202 LAPP-0028202 Datasheet
63Kb / 1P
UNITRONIC® LiYY
2021-04-06
0031320 LAPP-0031320 Datasheet
65Kb / 1P
UNITRONIC® Li2YCY (TP)
01.01.2019
0031350 LAPP-0031350 Datasheet
66Kb / 1P
UNITRONIC® Li2YCYv (TP)
18.10.2019
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
0037100 LAPP-0037100 Datasheet
67Kb / 2P
UNITRONIC® LiHH
2021-08-17
0037302 LAPP-0037302 Datasheet
67Kb / 2P
UNITRONIC® LiHCH
2021-08-17
0031370 LAPP-0031370 Datasheet
66Kb / 1P
UNITRONIC® Li2YCY (TP) fine-wire
01.01.2019
0034302 LAPP-0034302 Datasheet
65Kb / 1P
UNITRONIC® LiYCY
2021-04-06
7038889 LAPP-7038889 Datasheet
82Kb / 2P
UNITRONIC SENSOR FD Lif9Y11Y
2023-01-11
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com