Electronic Components Datasheet Search
  English  ▼

X  

0030928 Datasheet(PDF) 2 Page - Lapp.

Part # 0030928
Description  UNITRONIC® FD CP (TP) plus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0030928 Datasheet(HTML) 2 Page - Lapp.

  0030928 Datasheet HTML 1Page - Lapp. 0030928 Datasheet HTML 2Page - Lapp. 0030928 Datasheet HTML 3Page - Lapp. 0030928 Datasheet HTML 4Page - Lapp. 0030928 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT INFORMATION
UNITRONIC® FD CP (TP) plus
Benefits
Wide temperature range for applications in harsh climatic environments
Decoupling of circuits by means of
twisted-pair (TP) design (crosstalk effects)
UL AWM voltage rating 1000V in case of internal wiring allows for internal laying next to power cables with applied UL rating of
1kV
In the USA inside of industrial machines, per NFPA 79, 2015 Ed., 12.9.2 (condition 3 under 12.9.2: Through 1 mm² and <16
AWG)
Application range
Suitable for use in measuring, control and regulating circuits
Linear robots, automated handling equipment
Drag chain use - in case of horizontal installation travel distances up to 100 m
For use in chain/carrier: Please respect the assembly guidelines listed in Appendix T3
Suitable for torsional applications which are typical for the loop in wind turbine generators (WTG)
Product features
Halogen-free, has low capacitance and is flexible down to -40°C
PUR outer sheath, tear and notch-resistant, resistant to mineral oils and abrasion when used in power chains
Low-adhesive surface, resistant to hydrolysis and microbes, oil resistant
Flame retardance: IEC 60332-1-2, VW-1, FT2
Designed for 10 million alternating bending cycles and horizontal travel distances up to 100 meter
Norm references / Approvals
cULus CMX certified by UL (UL: E236660)
cRUus AWM certified by UL (UL: E63634): UL AWM Style 21576 and AWM A/B I/II
Product Make-up
Extra-fine wire strand made of bare copper wires
Core insulation: Based on Polyolefin
TP structure
Non-woven wrapping
Tinned-copper braiding
Outer sheath made of special PUR compound
Outer sheath colour: grey (RAL 7001)
Technical Data
Classification ETIM 5:
ETIM 5.0 Class-ID: EC000104
ETIM 5.0 Class-Description: Control cable
Classification ETIM 6:
ETIM 6.0 Class-ID: EC000104
ETIM 6.0 Class-Description: Control cable
Core identification code:
DIN 47100, refer to Appendix T9
Mutual capacitance:
Up to 0.5 mm²: 60 nF/km
Up to 1.0 mm²: 70 nF/km
Inductivity:
approx. 0.65 mH/km
Conductor stranding:
Stranded, extra-fine wire
From 0.5 mm²: extra-fine wire according to IEC 60228 class 6
Torsion movement in WTG:
TW-0 & TW-2, refer to Appendix T0
Minimum bending radius:
Flexing: 7.5 x outer diameter
Fixed installation: 4 x outer diameter
Last Update (28.03.2019)
2 / 5
©2019 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com