Electronic Components Datasheet Search
  English  ▼

X  

LT3462 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3462
Description  Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3462 Datasheet(HTML) 2 Page - Analog Devices

  LT3462 Datasheet HTML 1Page - Analog Devices LT3462 Datasheet HTML 2Page - Analog Devices LT3462 Datasheet HTML 3Page - Analog Devices LT3462 Datasheet HTML 4Page - Analog Devices LT3462 Datasheet HTML 5Page - Analog Devices LT3462 Datasheet HTML 6Page - Analog Devices LT3462 Datasheet HTML 7Page - Analog Devices LT3462 Datasheet HTML 8Page - Analog Devices LT3462 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3462/LT3462A
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)....................................................16V
SW Voltage ...............................................................40V
D Voltage ............................................................... –40V
SDREF, FB Voltage ...................................................2.5V
Operating Ambient
Temperature Range (Note 3)................–40°C to 85°C
(Note 1)
TOP VIEW
FB
GND
GND
SW
SDREF
D
NC
VIN
DC PACKAGE (LT3462A ONLY)
8-LEAD (2mm × 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 88.5°C/W
EXPOSED PAD (PIN 9) IS GND
9
4
1
2
3
6
5
7
8
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 192°C/W
VIN
D
SDREF
SW
GND
FB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3462ES6#PBF
LT3462ES6#TRPBF
LTBBV
6‑Lead Plastic TSOT‑23
–40°C to 85°C
LT3462AES6#PBF
LT3462AES6#TRPBF
LTBGB
6‑Lead Plastic TSOT‑23
–40°C to 85°C
LT3462AEDC#PBF
LT3462AEDC#TRPBF
LHGH
8‑Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LT3462#orderinfo
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)
(TSOT‑23 Package Only)...................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com