Electronic Components Datasheet Search
  English  ▼

X  

30495 Datasheet(PDF) 1 Page - Wiha Tools

Part # 30495
Description  Torque screwdriver set TorqueVario®-S ESD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30495 Datasheet(HTML) 1 Page - Wiha Tools

  30495 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
175
All prices not including statutory VAT.
Torque screwdriver set TorqueVario®-S ESD
assorted, variably adjustable torque limit, 13-pcs.
in box
2882 S10
Order-No.
27687
1
Torque screwdriver TorqueVario®-S ESD Variable torque limit
settings ,0,5 - 2,0 Nm
Bit holder clamping with ball for torque screwdriver with long
handle
Adjusting tool for torque screwdriver with long handle
4,5 x 25  / 5,5 x 25
PH0 x 25  / PH1 x 25
PZ0 x 25  / PZ1 x 25
T7 x 25  / T8 x 25  / T9 x 25  / T10 x 25
IEC 61340-5-1. DIN EN ISO 6789.
Torque screwdriver TorqueVario®-S ESD
Variable torque limit settings
2882
Order-No.
36851
0,04-0,46•
10%
4
127
23
1
26865
0,1-0,6
10%
4
127
23
1
36852
0,1-0,6
6%
4
127
23
1
26629
0,4-1,0
6%
4
127
23
1
26866
0,5-2,0
6%
4
131
30
1
30495
0,8-5,0
6%
4
138
36
1
• Precision in range of 0.1-0.46 Nm. IEC 61340-5-1. DIN EN ISO 6789.
INFOBOX:
Electrostatic
conductive ESD
tools
Sensitive, electronic components can be damaged
even at a very low voltage.
• Dissipative tools by Wiha discharge the electrostatic
energy in a controlled, safe manner.
• ESD tools meet the ESD Standard IEC 61340-5-1.
• ESD tool handles have a surface resistance of
106 -109 Ohm.


Similar Part No. - 30495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3049505 PHOENIX-3049505 Datasheet
128Kb / 11P
High Current Connectors - HV M12/1
09/12/2020
3049518 PHOENIX-3049518 Datasheet
245Kb / 22P
Bolt connection terminal block - RTO 3
09/12/2020
3049547 PHOENIX-3049547 Datasheet
380Kb / 11P
High Current Connectors - HV M6/2
02/04/2022
3049563 PHOENIX-3049563 Datasheet
137Kb / 12P
High Current Connectors - HV M10/2
09/12/2020
More results

Similar Description - 30495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
Torque screwdriver - TSD 04 SAC
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
Torque screwdriver - TSD 02 SAC
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 1,2NM
1212225 PHOENIX-1212225 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 3NM
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
Torque screwdriver - TSD 25 SAC
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
Torque screwdriver - TSD 08 SAC
1607456 PHOENIX-1607456 Datasheet
43Kb / 2P
Torque screwdriver - SF-Z0028
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com