Electronic Components Datasheet Search
  English  ▼

X  

30441 Datasheet(PDF) 1 Page - Wiha Tools

Part # 30441
Description  Mechanical Shop Tools
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30441 Datasheet(HTML) 1 Page - Wiha Tools

  30441 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
Square Reaming Awl
Item No. Description
Case Pack
30002
6.0 x 175mm OAL
10
Round Awl
Item No. Description
Case Pack
30102
6.0 x 185mm OAL
10
7 Pc. Metric Combo Ratchet Wrench Set
Item No. Description
Case Pack
30390
Ratchet Wrench Set
3
Metric: 9.0, 10.0, 11.0, 12.0, 13.0, 14.0, 15.0mm
7 Pc. Inch Combo Ratchet Wrench Set
Item No. Description
Case Pack
30393
Ratchet Wrench Set
3
Inch: 5/16, 11/32, 3/8, 7/16, 1/2, 9/16, 5/8”
12 Pc. Metric Combo Ratchet Wrench Set
Item No. Description
Case Pack
30391
Ratchet Wrench Set
1
Metric: 8.0, 9.0, 10.0, 11.0, 12.0, 13.0, 14.0, 15.0,
16.0, 17.0, 18.0, 19.0mm
12 Pc. Inch Combo Ratchet Wrench Set
Item No. Description
Case Pack
30394
Ratchet Wrench Set
1
Inch: 1/4, 5/16, 11/32, 3/8, 7/16, 1/2, 9/16, 5/8,
11/16, 3/4, 13/16, 7/8”
Storage rack with soft
grip holder & secure
locking mechanism
holds wrenches
securely in place
Includes
Wire Rack
Includes
Wire Rack
Combination Ratchet Wrenches Metric
Item No. Description
Case Pack
30308
8.0 x 136mm
3
30309
9.0 x 142mm
3
30310
10.0 x 160mm
3
30311
11.0 x 168mm
3
30312
12.0 x 174mm
3
30313
13.0 x 180mm
3
30314
14.0 x 190mm
3
30315
15.0 x 200mm
3
30316
16.0 x 215mm
3
30317
17.0 x 230mm
3
30318
18.0 x 240mm
3
30319
19.0 x 248mm
3
30301
20.0 x 288mm
3
30302
21.0 x 288mm
3
30303
22.0 x 288mm
3
30304
23.0 x 288mm
3
30305
24.0 x 322mm
3
30306
25.0 x 322mm
3
Combination Ratchet Wrenches Inch
Item No. Description
Case Pack
30322
1/4 x 124mm
3
30323
5/16 x 124mm
3
30324
11/32 x 142mm
3
30325
3/8 x 160mm
3
30327
7/16 x 168mm
3
30329
1/2 x 180mm
3
30331
9/16 x 190mm
3
30333
5/8 x 215mm
3
30334
11/16 x 230mm
3
30335
3/4 x 248mm
3
30336
13/16 x 285mm
3
30337
7/8” x 285mm
3
30338
15/16 x 322mm
3
30339
1” x 322mm
3
Storage rack with soft
grip holder & secure
locking mechanism
holds wrenches
securely in place
Includes
Wire Rack
Includes
Wire Rack
31 Pc. Ratcheting Wrench Foam Tray Set
Item No. Description
Case Pack
30392
Inch/Metric Ratchet Wrenches
1
Inch: 1/4, 5/16, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4,
13/16, 7/8, 15/16, 1”
Metric: 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19,
20, 21, 22, 23, 24, 25mm
72
TOOTH
Mechanical Shop Tools
Precision formed for exact fit
Combination Wrenches Metric
Item No. Description
Case Pack
30406
6.0 x 120mm
3
30407
7.0 x 130mm
3
30408
8.0 x 140mm
3
30409
9.0 x 150mm
3
30410
10.0 x 160mm
3
30411
11.0 x 170mm
3
30412
12.0 x 175mm
3
30413
13.0 x 180mm
3
30414
14.0 x 195mm
3
30415
15.0 x 200mm
3
30416
16.0 x 225mm
3
30417
17.0 x 230mm
3
30418
18.0 x 240mm
3
30419
19.0 x 250mm
3
30420
20.0 x 260mm
3
30422
22.0 x 295mm
3
30424
24.0 x 315mm
3
30425
25.0 x 340mm
3
24 Pc. Combination Wrench Sets
Item No. Description
Case Pack
30395
Combo Wrench Set
1
MM: 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19mm
Inch: 1/4, 5/16, 11/32, 7/16, 1/2, 9/16, 5/8, 11/16,
3/4, 13/16, 7/8”
Large - 22” x 15.5” x 1.25”
7 Pc. Metric Combination Wrench Set
Item No. Description
Case Pack
30490
Combo Wrench Set
3
Metric: 10.0, 12.0, 13.0, 14.0, 15.0, 16.0, 17.0mm
Storage rack with soft
grip holder & secure
locking mechanism
holds wrenches
securely in place
Includes
Wire Rack
12 Pc. Metric Combination Wrench Set
Item No. Description
Case Pack
30491
Combo Wrench Set
1
Metric: 8.0, 9.0, 10.0, 11.0, 12.0, 13.0, 14.0, 15.0,
16.0, 17.0, 18.0, 19.0mm
Includes
Wire Rack
Combination Wrenches Inch
Item No. Description
Case Pack
30433
1/4 x 130mm
3
30434
5/16 x 140mm
3
30435
3/8 x 160mm
3
30436
7/16 x 170mm
3
30437
1/2 x 180mm
3
30438
9/16 x 190mm
3
30440
5/8 x 210mm
3
30441
11/16 x 230mm
3
30442
3/4 x 250mm
3
30444
13/16 x 270mm
3
30445
7/8 x 290mm
3
30446
15/16 x 320mm
3
30447
1” x 340mm
3


Similar Part No. - 30441

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
30441 FESTO-30441 Datasheet
97Kb / 2P
Proximity sensor
logo
PHOENIX CONTACT
3044102 PHOENIX-3044102 Datasheet
159Kb / 7P
UT 4
3044115 PHOENIX-3044115 Datasheet
145Kb / 6P
UT 4 BU
3044128 PHOENIX-3044128 Datasheet
163Kb / 7P
UT 4-PE
3044131 PHOENIX-3044131 Datasheet
157Kb / 6P
UT 6
More results

Similar Description - 30441

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-90 BOURNS-H-90 Datasheet
50Kb / 1P
Adjustment Tools
logo
List of Unclassifed Man...
WC-590 ETC2-WC-590 Datasheet
70Kb / 6P
Crimping tools
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
Crimping tools
logo
TE Connectivity Ltd
408-4374 TEC-408-4374 Datasheet
213Kb / 2P
Extraction Tools
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
Extraction Tools
logo
OSRAM GmbH
GWMAFJB1.EM OSRAM-GWMAFJB1.EM Datasheet
668Kb / 19P
Shop lighting
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
FLARING TOOLS
logo
SICK AG
ES21-XA100 SICK-ES21-XA100 Datasheet
279Kb / 3P
Mounting tools
logo
List of Unclassifed Man...
BH10 ETC2-BH10 Datasheet
125Kb / 3P
Carbide for cutting tools :BH10 steel chemical information,mechanical properties
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
Development Tools
REV 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com