Electronic Components Datasheet Search
  English  ▼

X  

00657 Datasheet(PDF) 1 Page - Wiha Tools

Part # 00657
Description  Wiha SYSTEM 6.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00657 Datasheet(HTML) 1 Page - Wiha Tools

  00657 Datasheet HTML 1Page - Wiha Tools 00657 Datasheet HTML 2Page - Wiha Tools 00657 Datasheet HTML 3Page - Wiha Tools 00657 Datasheet HTML 4Page - Wiha Tools 00657 Datasheet HTML 5Page - Wiha Tools 00657 Datasheet HTML 6Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
52
Wiha SYSTEM 6.
A Real Multi-tasker.
Wiha SYSTEM 6:
•Flexible & versatile tools in
industrial quality
• Expandable individual tool
system
•Ergonomic handles for almost
every application
•Colour-coded blades made of
high-quality, tough-but-flexible
chrome-vanadium-molybdenum
steel, through-hardened,
chrome-plated
•Wiha ChromTop® tips ensure
a perfect fit every time
Are you looking for a versatile and
compact tool system for your tool-
case or for on the road?
Then our SYSTEM 6 system with
its 6 mm reversible blades and
corresponding handles is the right
solution for you. The broad product
range provides every user with the
right tool. Just choose under the
large selection of handles and
reversible blades for the relevant
tool or for one of the SYSTEM 6
sets.
• The Starter Sets in the practical
canvas pouches are equipped
with the most commonly used
slotted, Phillips and hex rever-
sible blades. Max. 11 additional
blades can be added. Therefore
you receive an individual and
variable tool system that you
can expand.
• The Professional Sets are the
perfect solution if you are looking
for a professional, high-quality
universal-set in a rugged metal-
box.
• The practical sets in roll-up pou-
ches made of artificial leather are
especially handy and compact,
therefore ideal for traveling.
The Wiha SYSTEM 6 range is the compact
allrounder for different applications.
The Wiha SYSTEM 6 reversible
blade systems are high-quality
industrial products, made with
state-of-the-art materials and
finished to the highest standard
of workmanship. The 150 mm long
reversible blades are made of
high-quality chrome-vanadium-
molybdenum steel, and are
through hardened and chrome-
plated. The handles, made for
different applications are especially,
ergonomically designed and gua-
rantee optimal force-transmission.
The Wiha SYSTEM 6 system
provides the right tool for every
application – ideal for industry,
trade and the ambitious handy
man.
Colour-coded ChromTop® tips
for maximum clarity.
The new SoftFinish® telescopic handle
with click-stop ball clamping for a secure
hold and rapid blade change.


Similar Part No. - 00657

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
00657 WIHA-00657 Datasheet
58Kb / 1P
Interchangeable blade SYSTEM 6
00657 WIHA-00657 Datasheet
362Kb / 1P
SYSTEM 6 Reversible Blades Set, 11 pcs. Slotted/ Phillips/ Pozidriv/ TORX®/ Hex/ Ballpoint Hex.
00657 WIHA-00657 Datasheet
12Mb / 40P
LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
More results

Similar Description - 00657

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
16112 ETC2-16112 Datasheet
231Kb / 1P
Wiha Cabinet Tip Screwdrivers
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
34410 ETC2-34410 Datasheet
340Kb / 1P
Wiha Maxiflex Hose System 1/4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com