Electronic Components Datasheet Search
  English  ▼

X  

32649 Datasheet(PDF) 1 Page - Wiha Tools

Part # 32649
Description  Soft Grip Pliers Wrench
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32649 Datasheet(HTML) 1 Page - Wiha Tools

  32649 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
Soft Grip Diagonal Cutters
Item No. Description
Case Pack
32638
5.5”/140mm
3
32639
7.0”/180mm
3
32642
6.3”/160mm
3
Soft Grip BiCut SuperCut
Item No. Description
Case Pack
32636
8.0”/200mm
4
2 Pc. Soft Grip Pliers Pack
Item No. Description
Case Pack
32640
Pliers & Cutters Set
3
9.0”/225mm Lineman’s Pllers
8.0”/200mm BiCut SuperCut
7 Pc. Soft Grip Combination Set
Item No. Description
Case Pack
32644
Drivers & BiCut SuperCut Set
3
8.0” SoftGrip BiCut SuperCut
Slotted: 3.0, 4.0, 6.5mm, Phillips: #0, #1, #2
Soft Grip High Leverage Cutters
Item No. Description
Case Pack
32646
6.3”/160mm
3
32649
7.0”/180mm
3
32652
8.0”/200mm
3
Soft Grip Auto Pliers
Item No. Description
Case Pack
32637
10.0”/250mm
4
Soft Grip Pliers Wrench
Item No. Description
Case Pack
32635
10.25/260mm
3
2 Pc. Soft Grip Pliers & Cutters Set
Item No. Description
Case Pack
32648
Pliers & Cutters Set
3
8.0” Long Nose Pliers, 6.3” Diagonal Cutters
4 Pc. Soft Grip Pliers & Cutters Set
Item No. Description
Case Pack
32647
Soft Grip Pliers Set
3
8.0” Combination Pliers, 8.0” Long Nose Pliers,
6.3” Diagonal Cutters, 10.0” Water Pump Pliers
2 Pc. Soft Grip Pliers & Cutters Set
Item No. Description
Case Pack
32651
Pliers & Cutters Set
4
9.5” NE Style Lineman’s Pliers, 8.0” BiCut SuperCut
3 Pc. Soft Grip Pliers & Cutters In Belt Pack
Item No. Description
Case Pack
32653
Soft Grip Pliers & Cutters
3
8.0” High Leverage Cutters, 8.0” Combo Pliers,
8.0” Long Nose Pliers w/Cutters
Soft Grip Internal Retaining Ring Pliers
Item No. Description
Case Pack
32654
12.2”-Tip .126/3.2mm
3
90° Angle Internal Retaining Ring Pliers
Item No. Description
Case Pack
32656
12.2”-Tip .126/3.2mm
3
Soft Grip High Leverage End Cutting Nippers
Item No. Description
Case Pack
32657
6.3”/160mm
3
32658
7.0”/180mm
3
32659
8.0”/200mm
3
Soft Grip Adjustable Pliers - Box Type
Item No. Description
Case Pack
32660
7.0”/180mm
3
32661
10.0”/250mm
3
32663
12.0”/300mm
3
Soft Grip External Retaining Ring Pliers
Item No. Description
Case Pack
32662
12.2”-Tip .126/3.2mm
3
90° Angle External Retaining Ring Pliers
Item No. Description
Case Pack
32666
11.7”-Tip .126/3.2mm
3
Push Button Adjustable Water Pump Pliers
Item No. Description
Case Pack
32664
7.0”/180mm
3
32665
10.0”/250mm
3
32667
12.0”/300mm
3
3 Pc. Push Button Water Pump Pliers Set
Item No. Description
Case Pack
32669
Push Button Pliers Set
1
7.0”, 10.0”, 12.0”
3 Pc. Adjustable Pliers - Box Type Set
Item No. Description
Case Pack
32670
Adjustable Pliers Set
1
7.0”, 10.0”, 12.0”
2 Pc. Soft Grip Pliers & Cutters Set
Item No. Description
Case Pack
32675
Pliers & Cutters Set
3
9.5” NE Style Lineman’s Pliers, 8.0” High Lev. Cutters
90° Angle Internal Retaining Ring Pliers
Item No. Description
Case Pack
32685
5.5”-Tip .035/.9mm
3
32686
5.5”-Tip .050/1.3mm
3
32687
7.0”-Tip .070/1.5mm
3
32688
8.9”-Tip .090/2.3mm
3
Soft Grip External Retaining Ring Pliers
Item No. Description
Case Pack
32689
5.5”-Tip .035/.9mm
3
32690
5.5”-Tip .050/1.3mm
3
32691
7.0”-Tip .070/1.5mm
3
32692
8.9”-Tip .090/2.3mm
3
Soft Grip Internal Retaining Ring Pliers
Item No. Description
Case Pack
32681
5.5”-Tip .035/.9mm
3
32682
5.5”-Tip .050/1.3mm
3
32683
7.0”-Tip .070/1.5mm
3
32684
8.9”-Tip .090/2.3mm
3
8 Pc. Soft Grip Straight Retaining Ring Pliers
Item No. Description
Case Pack
32693
Retaining Ring Pliers Set
1
Internal: 5.5” - Tip .035”, 5.5” - Tip .050”,
7.0” - Tip .070”, 8.9” - Tip .090”
External: 5.5” - Tip .035”, 5.5” - Tip .050”,
7.0” - Tip .070”, 8.9” - Tip. 090”
90° Angle External Retaining Ring Pliers
Item No. Description
Case Pack
32694
5.5”-Tip .035/.9mm
3
32696
7.0”-Tip .070/1.5mm
3
32697
8.9”-Tip .090/2.3mm
3


Similar Part No. - 32649

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
32649 WIHA-32649 Datasheet
12Mb / 40P
LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
More results

Similar Description - 32649

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
R410CV ETC2-R410CV Datasheet
39Kb / 1P
Crescent 10" Tongue and Groove Pliers, V-Jaw, Cushion Grip, Carded
50054 ETC2-50054 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0027 PHOENIX-SF-Z0027 Datasheet
51Kb / 1P
Hook wrench
UNIFOX-C-VDE PHOENIX-UNIFOX-C-VDE Datasheet
47Kb / 3P
Combination pliers, cross-notched grip area, integrated M8 - M10 ring wrench, VDE 1000 V AC/1500 V DC tested
RF-Z0007 PHOENIX-RF-Z0007 Datasheet
49Kb / 1P
Special wrench
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com