Electronic Components Datasheet Search
  English  ▼

X  

32401 Datasheet(PDF) 1 Page - Wiha Tools

Part # 32401
Description  9 Pc. Insulated Inch Nut Driver Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32401 Datasheet(HTML) 1 Page - Wiha Tools

  32401 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
www.wihatools.com • USA | www.wihatools.ca • CANADA
Insulated NE Style Lineman’s Pliers
Item No. Description
Case Pack
32831
9.5”/245mm
3
80 Pc. Insulated Master Electrician’s Set
Item No. Description
Case Pack
32800
Insulated Tool Set
1
6.3” & 8.0” Long Nose Pliers, 6.3” Bent Nose Pliers,
6.3” Long Flat Nose Pliers, 6.3” Diagonal Cutters
9.0” Combo Pliers/Crimpers, 8.0” Cable Cutters,
8.0” High Leverage Cutters & 6.3” Stripping Pliers
8.0” Adjustable Wrench
Slotted: 2.5 - 10.0mm, Phillips: #0 - 3, Square: #1, 2
TORX: T6 - T30 & Slt/Ph Terminal: #1, 2
Nut Driver In/mm: 7/32 - 7/16” & 5.0 - 13.0mm
T-handle Hex In/mm: 5/32 - 3/8” & 4.0 - 8.0mm
Hex L-key: 10.0mm & 1/2”
Sockets In/mm: 1/2” - 7/8” & 13.0 - 22.0mm
4.9” Extension, 3/8” Drive Ratchet,
50mm Cable Stripping Knife & 2 Meter Ruler In/mm
Cat. III Voltage Detector - Battery Operated
Rolling
Water Tight
Traveling
Tool Box
Insulated TORX® Cushion Grip Driver
Item No. Description
Case Pack
32505
T5 x 60mm
10
32511
T6 x 60mm
10
32516
T7 x 60mm
10
32521
T8 x 60mm
10
32526
T9 x 60mm
10
32531
T10 x 60mm
10
32536
T15 x 80mm
10
32541
T20 x 80mm
10
32546
T25 x 80mm
10
32551
T27 x 100mm
10
32556
T30 x 100mm
10
6 Pc. Insulated TORX® Screwdriver Set
Item No. Description
Case Pack
32590
Insulated TORX Driver Set
3
TORX: T8, T9, T10, T15, T20, T25
Insulated Cushion Grip Pozidriv® Screwdrivers
Item No. Description
Case Pack
32400
0 x 60mm
10
32401
1 x 80mm
10
32402
2 x 100mm
10
32403
3 x 150mm
10
10 Pc. Insulated TORX® Screwdriver Set
Item No. Description
Case Pack
32592
Insulated Driver Set
3
TORX: T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
Insulated Security TORX® Cushion Grip Driver
Item No. Description
Case Pack
32512
T10s x 100mm
3
32513
T15s x 100mm
3
32514
T20s x 100mm
3
32515
T25s x 125mm
3
32517
T27s x 125mm
3
32518
T30s x 125mm
3
32519
T40s x 150mm
3
6 Pc. Insulated Security TORX® Screwdrivers
Item No. Description
Case Pack
32596
Ins Security TORX Set
1
TORX: T10s, T15s, T20s, T25s, T27s, T30s
6 Pc. Insulated Hex Metric Screwdriver Set
Item No. Description
Case Pack
32366
Insulated Hex Drivers
3
Metric: 2.5, 2.0, 4.0, 5.0, 6.0, 8.0mm
13 Pc. speedE-II Electric SlimLine Blade Set
Item No. Description
Case Pack
32490
speedE/SlimLine Set
1
Slotted: 3.5, 3.5mm & Phillips: #1, #2
Square: #1, #2 & Terminal Xeno Sl/Ph: #1, #2
speedE Screwdriver Handle Range 0.4 Nm
2 rechargeable batteries & wall plug adapter/charger
* Must use insulated SlimLine blades to be insulated
112 Pc. Insulated Master Electrician’s Set
Item No. Description
Case Pack
32801
Insulated Tool Set
1
6.3” & 8.0” Long Nose Pliers, 6.3” Bent Nose Pliers,
6.3” Long Flat Nose Pliers, 6.3” Diagonal Cutters
9.0” Combo Pliers/Crimpers, 8.0” Cable Cutters,
8.0” High Leverage Cutters & 6.3” Stripping Pliers
8.0” Adjustable Wrench
Slotted: 2.5 - 10.0mm, Phillips: #0 - 3, Square: #1, 2
TORX: T6 - T30 & Slt/Ph Terminal: #1, 2
Nut Driver In/mm: 7/32 - 7/16” & 5.0 - 13.0mm
T-handle Hex In/mm: 5/32 - 3/8” & 4.0 - 8.0mm
Hex L-key: 10.0mm & 1/2”
Sockets In/mm: 1/2” - 7/8” & 13.0 - 22.0mm
4.9” Extension, 3/8” Drive Ratchet,
50mm Cable Stripping Knife & 2 Meter Ruler In/mm
Cat. III Voltage Detector - Battery Operated
Insulated Inch Deep Offset Ring Wrenches:
1/4, 5/16, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4, 25/32,
13/16, 7/8, 15/16, 1, 1-1/16, 1-1/4”
Insulated Metric Deep Offset Ring Wrenches:
8.0, 9.0, 10.0, 11.0, 12.0, 13.0, 14.0, 15.0, 17.0, 19.0,
20.0, 22.0, 24.0, 27.0, 30.0, 32.0mm
11 Pc. Insulated Inch Nut Driver Set
Item No. Description
Case Pack
32296
Insulated Inch Nut Driver Set
1
Inch: 5/32, 3/16, 7/32, 1/4, 5/16,
11/32, 3/8, 7/16, 1/2, 9/16, 5/8”
Insulated Cushion Grip Metric Hex Driver
Item No. Description
Case Pack
32302
2.5 x 75mm
10
32303
3.0 x 75mm
10
32304
4.0 x 75mm
10
32305
5.0 x 75mm
10
32306
6.0 x 100mm
10
32308
8.0 x 100mm
10
9 Pc. Insulated Inch Nut Driver Set
Item No. Description
Case Pack
32288
Insulated Inch Nut Driver Set
1
Inch: 3/16, 1/4, 5/16, 11/32, 3/8,
7/16, 1/2, 9/16, 5/8”
5 Pc. Insulated Metric Nut Driver Set
Item No. Description
Case Pack
32291
Insulated Metric Nut Driver Set
3
Metric: 6.0, 7.0, 8.0, 9.0, 10.0mm
5 Pc. Insulated Inch Nut Driver Set
Item No. Description
Case Pack
32292
Insulated Inch Nut Driver Set
3
Inch: 7/32, 1/4, 5/16, 3/8, 1/2”
7 Pc. Insulated Metric Nut Driver Set
Item No. Description
Case Pack
32293
Insulated Metric Nut Driver Set
1
Metric: 5.0, 5.5, 6.0, 7.0, 8.0, 10.0, 13.0mm
7 Pc. Insulated Inch Nut Driver Set
Item No. Description
Case Pack
32294
Insulated Inch Nut Driver Set
1
In: 3/16, 7/32, 1/4, 5/16, 3/8, 7/16, 1/2”
In
Roll-up
Pouch
Insulated High Leverage Diagonal Cutters
Item No. Description
Case Pack
32836
7.0”/180mm
3
2 Pc. NE Style Lineman’s Pliers
Item No. Description
Case Pack
32833
NE Style Lineman’s
3
9.5”/245mm Insulated Lineman’s Pliers
9.5”/245mm Soft Vinyl Grip Lineman’s Pliers
Knurled striking
zone on vinyl
grip pliers
5 Pc. Insulated Pliers/Cutters & Drivers Set
Item No. Description
Case Pack
32856
Insulated Combo Set
3
6.3” Diagonal Cutters, 8.0” Long Nose Pliers
Slotted: 4.5, 5.5mm & Phillips: #2
7 Pc. Insulated BiCut SuperCut & Drivers Set
Item No. Description
Case Pack
32857
Insulated Combo Set
3
8.0” BiCut SuperCut Pliers
Slotted: 3.5, 4.5, 5.5mm & Phillips: #0, 1, 2


Similar Part No. - 32401

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
Littelfuse
324010 LITTELFUSE-324010 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
324010 LITTELFUSE-324010 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
PHOENIX CONTACT
3240100 PHOENIX-3240100 Datasheet
50Kb / 3P
Ring cable lug - C-RC 25/M6 DIN
3240101 PHOENIX-3240101 Datasheet
50Kb / 3P
Ring cable lug - C-RC 25/M8 DIN
More results

Similar Description - 32401

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
List of Unclassifed Man...
26539 ETC2-26539 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
BU-00285 ETC2-BU-00285 Datasheet
63Kb / 1P
Insulated Mini-Alligator Lead Set
BU-00286 ETC2-BU-00286 Datasheet
63Kb / 1P
Insulated Alligator Lead Set
BU-00287 ETC2-BU-00287 Datasheet
63Kb / 1P
Insulated Alligator Lead Set
logo
PHOENIX CONTACT
1423994 PHOENIX-1423994 Datasheet
87Kb / 5P
Nut - QPD N2,5 9-14 BK
09/11/2020
logo
Schneider Electric
KZ30 SCHNEIDER-KZ30 Datasheet
154Kb / 2P
M22 fixing nut - set of 5
Feb 10, 2022
Z01 SCHNEIDER-Z01 Datasheet
113Kb / 2P
nut wrench for M22 fixing nut - set of 5
Feb 10, 2022
logo
PHOENIX CONTACT
1670963 PHOENIX-1670963 Datasheet
56Kb / 3P
Lock nut - Q-SMU PG13,5 SET COD2
09/11/2020
logo
FIBOX Enclosing innovat...
3530622 FIBOX-3530622 Datasheet
47Kb / 1P
PC Hinge set, 1 pair
31.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com