Electronic Components Datasheet Search
  English  ▼

X  

35446 Datasheet(PDF) 1 Page - Wiha Tools

Part # 35446
Description  Easy to handle for electrical applications with particulary slim blade.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35446 Datasheet(HTML) 1 Page - Wiha Tools

  35446 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wiha Werkzeuge GmbH
Obertalstraße 3–7
D-78136 Schonach/Germany
Tel. + 49 7722 959-0
Fax.+ 49 7722 959-159
info@wiha.com
www.wiha.com
3201
SoftFinish® electric slimFix slotted screwdriver.
Insulation 1000 V AC, VDE-tested and with GS mark.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
black finish. The integrated protective insulation is directly moulded onto
the blade and completely integrated in front area.
Handle:
Wiha SoftFinish® electric multi-component handle with roll-off protection.
Standards:
DIN 7437, DIN 5264, DIN ISO 2380. Manufactured acc. to IEC 60900:2004.
Application:
For all work on or around electrical components up to 1000 V AC.
Extra:
The particulary slim diameter of the blade with integrated protective insula-
tion enables low lying fastening elements and spring terminals to be
reached and operated easily.
Order-No.
35446 6
3,5
100
0,6
204
23
10
7,65
35390 2
4,0
100
0,8
211
30
10
9,10
35391 9
5,5
125
1,0
243
36
10
11,00
35392 6
6,5
150
1,2
268
36
10
14,30
Wiha SoftFinish
® electric slimFix.
Easy to handle for electrical applications with particulary slim blade.
Also available as set:
Order-No.
Series
35389 6
3201 K6
1
45,50
3201
3,5x100
4,0x100
5,5x125
6,5x150
3211
PH1x80
PH2x100
New 2010.
Available as of
January 25, 2010
POS support:
• Product introduction leaflet
• Product brochure
• Display
3211
SoftFinish® electric slimFix Phillips screwdriver.
Standards:
DIN 7438, DIN ISO 8764. Manufactured acc. to IEC 60900:2004.
Order-No.
35393 3
PH1
80
191
30
10
10,20
35394 0
PH2
100
218
36
10
13,70
3241
SoftFinish® electric slimFix Pozidriv screwdriver.
Standards:
DIN 7438, DIN ISO 8764. Manufactured acc. to IEC 60900:2004.
Order-No.
35395 7
PZ1
80
191
30
10
11,20
35396 4
PZ2
100
218
36
10
15,40
Wiha SoftFinish® electric
slimFix.
• Protective insulation is com-
pletely integrated in the front
area of the blade
• Particulary slim diameter of
38 mm allows easy access to low
lying fastening elements or
spring terminals
• Individually tested in water bath
at 10,000 Volts according to
IEC 60900:2004
• Safe working on live parts up to
1000 V AC or 1500 V DC
• Awarded the GS symbol for
tested safety
• Ergonomic handle geometry with
SoftFinish® surface guarantees
highest levels of comfort
• Skin-friendly soft zone in the
upper handle for effortlessly
achieving required torque


Similar Part No. - 35446

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
35446 WIHA-35446 Datasheet
59Kb / 1P
Screwdriver SoftFinish® electric slimFix
35446 WIHA-35446 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
More results

Similar Description - 35446

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
00097 ETC1-00097 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
logo
List of Unclassifed Man...
R9-NBC-I300W-GP ETC2-R9-NBC-I300W-GP Datasheet
681Kb / 2P
Slim and lightweight for easy carrying.
logo
OSRAM GmbH
LMWG5AP-7C8D-NZN7-DF-LH OSRAM-LMWG5AP-7C8D-NZN7-DF-LH Datasheet
396Kb / 17P
slim package design for thin applications
logo
STMicroelectronics
EV-VN5E025AJ STMICROELECTRONICS-EV-VN5E025AJ Datasheet
132Kb / 8P
Provides electrical connectivity for easy prototyping
17-Sep-2013
logo
Maxim Integrated Produc...
MAX40658EVKIT MAXIM-MAX40658EVKIT Datasheet
701Kb / 8P
Easy 3.3V Electrical Evaluation of MAX40658
Rev 0; 7/17
logo
Pentair plc. All rights...
764 PENTAIR-764 Datasheet
240Kb / 2P
EASY-TO-PROGRAM CONTROLLERS FOR FILTERS AND SOFTENER APPLICATIONS
logo
Maxim Integrated Produc...
MAX40662EVKIT MAXIM-MAX40662EVKIT Datasheet
894Kb / 8P
Easy Electrical Evaluation of the MAX40662
319-100515; Rev 0; 3/20
MAX40661EVKIT MAXIM-MAX40661EVKIT Datasheet
727Kb / 8P
Easy Electrical Evaluation of the MAX40661
319-100401; Rev 0; 7/19
MAX40660EVKIT MAXIM-MAX40660EVKIT Datasheet
756Kb / 8P
Easy Electrical Evaluation of the MAX40660
319-100402; Rev 0; 5/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com