Electronic Components Datasheet Search
  English  ▼

X  

05271 Datasheet(PDF) 1 Page - Wiha Tools

Part # 05271
Description  SoftFinish® voltage tester
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

05271 Datasheet(HTML) 1 Page - Wiha Tools

  05271 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
141
141
SoftFinish® voltage tester
255-11
Order-No.
34745
3,0
60
0,5
140
19
10
Tested according to DIN 57680-6, GS, CE compliant.
in blister pack
SB 255-11
Order-No.
35378
3,0
60
0,5
140
19
5
Tested according to DIN 57680-6, GS, CE compliant.
Voltage tester Volt Detector non-contact, single-pole, 230-1,000 VAC
255-12
Order-No.
37871
4,2
149
10
IEC 61010-1
in blister pack
SB 255-12
Order-No.
37872
4,2
149
5
IEC 61010-1
Voltage tester 220-250 volts
Slotted transparent, with push-on clip
255-3
Order-No.
05271
3,0
60
140
15
10
Slotted transparent, with push-on clip in blister pack
SB 255-3
Order-No.
32201
3,0
60
140
15
5
Voltage tester 150-250 volts
Slotted black, with push-on clip
255-7
Order-No.
00456
3,0
60
160
17
10
Slotted black, with push-on clip in blister pack
SB 255-7
Order-No.
31771
3,0
60
160
17
1


Similar Part No. - 05271

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0527121219 MOLEX7-0527121219 Datasheet
156Kb / 3P
1.60mm (.063") Pitch Board-to-Board Receptacle, Right Angle, Detachable, Lead Free
More results

Similar Description - 05271

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380375 EXTECH-380375 Datasheet
200Kb / 8P
Digital High Voltage Insulation Tester
ET34 EXTECH-ET34 Datasheet
120Kb / 1P
Voltage and Continuity Tester
VT30 EXTECH-VT30 Datasheet
242Kb / 7P
LCD Multifunction Voltage Tester
VT10 EXTECH-VT10 Datasheet
254Kb / 6P
Multifunction Voltage Tester
VT10 EXTECH-VT10_15 Datasheet
195Kb / 1P
Multifunction Voltage Tester
VT30 EXTECH-VT30_15 Datasheet
274Kb / 1P
Digital Voltage Tester with Bargraph
380395 EXTECH-380395 Datasheet
185Kb / 1P
Digital High Voltage Insulation Tester
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
Voltage Continuity Tester
logo
PHOENIX CONTACT
1209091 PHOENIX-1209091 Datasheet
60Kb / 3P
Voltage tester - DUSPOL EXPERT
09/11/2020
logo
List of Unclassifed Man...
NCVT1XT ETC-NCVT1XT Datasheet
2Mb / 1P
NON-CONTACT VOLTAGE TESTER
Rev. 12/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com