Electronic Components Datasheet Search
  English  ▼

X  

41232 Datasheet(PDF) 2 Page - Wiha Tools

Part # 41232
Description  Screwdriver and bit set slimVario screwdriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41232 Datasheet(HTML) 2 Page - Wiha Tools

  41232 Datasheet HTML 1Page - Wiha Tools 41232 Datasheet HTML 2Page - Wiha Tools 41232 Datasheet HTML 3Page - Wiha Tools 41232 Datasheet HTML 4Page - Wiha Tools 41232 Datasheet HTML 5Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
39
Wiha highlights.
You can find more products in the Extended product range section: page 176
Wiha highlights.
You can find more products in the Extended product range section: page 176
Screwdriver set SoftFinish® electric slimFix
Increases your safety: Wiha slim blades ensure unlimited, protected access to deep-set screws. Protects your health: With the patented
SoftFinish® handle design, ensuring work is kind to hands and muscles. Recommended by doctors and therapists at German Campaign for
Healthier Backs.
Increases your efficiency: The unique Wiha handle size concept with optimal balance between power and control. Offers you
full protection: Each tool individually tested at 10,000 V AC and approved for 1,000 V AC.
assorted 12-pcs.
3201 K12
Order-No.
41003
1
3,5 x 100 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150
PH1 x 80 / PH2 x 100
PZ1 x 80 / PZ2 x 100
SL/PZ2 x 100
T15 x 100 / T20 x 100 / T25 x 125
INFOBOX:
slimTECHNOLOGY
Wiha SoftFinish® electric slimFix
• Unlimited access.
• Blades up to 33 % narrower due to integrated
insulation.
• Tool for spring clips (wedge-profiled output geometry).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com