Electronic Components Datasheet Search
  English  ▼

X  

37009 Datasheet(PDF) 1 Page - Wiha Tools

Part # 37009
Description  10 Pc. TORX® Long Arm L-key Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

37009 Datasheet(HTML) 1 Page - Wiha Tools

  37009 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57
www.wihatools.com • USA | www.wihatools.ca • CANADA
7 Pc. MagicSpring TORX® Long Arm L-key Set
Item No. Description
Case Pack
37190
L-key Set
3
TORX: T6, T7, T8, T9, T10, T15, T20
Screw Holding
10Pc. MagicSpring TORX® Long Arm L-keys
Item No. Description
Case Pack
37192
L-key Set
3
TORX: T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
10 Pc. TORX® Long Arm L-key Set
Item No. Description
Case Pack
36698
Black Finish L-key Set
3
TORX: T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
13 Pc. TORX® Long Arm L-key Set
Item No. Description
Case Pack
36699
Black Finish L-key Set
3
TORX: T5, T6, T7, T8, T9, T10, T15, T20,
T25, T27, T30, T40, T50
TORX® Flag Handle Screwdriver - 10 Pack
Item No. Description
Case Pack
37055
T5 x 35mm
3
37056
T6 x 35mm
3
37057
T7 x 35mm
3
37058
T8 x 40mm
3
37059
T9 x 40mm
3
37060
T10 x 40mm
3
37061
T15 x 45mm
3
37062
T20 x 45mm
3
TORXPlus® Flag Handle Screwdriver - 10 Pack
Item No. Description
Case Pack
37063
IP5 x 35mm
3
37064
IP6 x 35mm
3
37065
IP7 x 35mm
3
37066
IP8 x 40mm
3
37067
IP9 x 40mm
3
37068
IP10 x 40mm
3
37069
IP15 x 45mm
3
37070
IP20 x 45mm
3
7 Pc. TORX® Flag Handle Set - In Metal Stand
Item No. Description
Case Pack
37090
Flag Handle Set
3
TORX: T6, T7, T8, T9, T10, T15, T20
7 Pc. TORX® Flag Handle Set
Item No. Description
Case Pack
37091
Flag Handle Set
3
TORX: T6, T7, T8, T9, T10, T15, T20
7 Pc. TORXPlus® Flag Handle Set
Item No. Description
Case Pack
37092
Flag Handle Set
3
TORX: IP6, IP7, IP8, IP9, IP10, IP15, IP20
In Metal Stand
MagicSpring TORX® Long Arm L-key
Item No. Description
Case Pack
37106
T6 - Black Finish
3
37107
T7 - Black Finish
3
37108
T8 - Black Finish
3
37109
T9 - Black Finish
3
37110
T10 - Black Finish
3
37115
T15 - Black Finish
3
37120
T20 - Black Finish
3
37125
T25 - Black Finish
3
37127
T27 - Black Finish
3
37130
T30 - Black Finish
3
Screw Holding
TORX® Flag Handle Screwdriver - 2 Pack
Item No. Description
Case Pack
37005
T5 x 35mm
3
37006
T6 x 35mm
3
37007
T7 x 35mm
3
37008
T8 x 40mm
3
37009
T9 x 40mm
3
37010
T10 x 40mm
3
37011
T15 x 45mm
3
37012
T20 x 45mm
3
TORXPlus® Flag Handle Screwdriver - 2 Pack
Item No. Description
Case Pack
37014
IP5 x 35mm
3
37015
IP6 x 35mm
3
37017
IP7 x 35mm
3
37018
IP8 x 40mm
3
37021
IP9 x 40mm
3
37023
IP10 x 40mm
3
37024
IP15 x 45mm
3
37027
IP20 x 45mm
3
2 Pack
2 Pack
10 Pack
10 Pack


Similar Part No. - 37009

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3700 BOURNS-3700 Datasheet
189Kb / 1P
Precision Potentiometer
logo
Advanced Power Electron...
3700 A-POWER-3700 Datasheet
142Kb / 10P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
3700 A-POWER-3700 Datasheet
141Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
3700 A-POWER-3700 Datasheet
91Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Infinite Electronics In...
3700 L-COM-3700 Datasheet
50Kb / 1P
TYPE N BULKHEAD JACK, REAR MOUNT
3/16/09
More results

Similar Description - 37009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
A20 ETC2-A20 Datasheet
3Mb / 35P
ARMv7 ISA standard ARM instruction set
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
logo
WAGO Kontakttechnik Gmb...
821-153 WAGO-821-153 Datasheet
797Kb / 2P
Electrical interconnection set; L-BOXX® 102; 221 Series and TOPJOB® S with levers
21.11.2022
887-952 WAGO-887-952 Datasheet
701Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series
21.11.2022
887-954 WAGO-887-954 Datasheet
477Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 2773 Series
21.11.2022
887-957 WAGO-887-957 Datasheet
670Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series - 4mm² and 6mm²
21.11.2022
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com