Electronic Components Datasheet Search
  English  ▼

X  

41233 Datasheet(PDF) 4 Page - Wiha Tools

Part # 41233
Description  Screwdriver and bit set slimVario screwdriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41233 Datasheet(HTML) 4 Page - Wiha Tools

  41233 Datasheet HTML 1Page - Wiha Tools 41233 Datasheet HTML 2Page - Wiha Tools 41233 Datasheet HTML 3Page - Wiha Tools 41233 Datasheet HTML 4Page - Wiha Tools 41233 Datasheet HTML 5Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
41
Wiha highlights.
You can find more products in the Extended product range section: page 176
Wiha highlights.
You can find more products in the Extended product range section: page 176
Screwdriver set SoftFinish® electric
Protects your health: With the patented SoftFinish® handle design,
ensuring work is kind to hands and muscles. Recommended by doctors
and therapists at German Campaign for Healthier Backs.
Increases
your efficiency: The unique Wiha handle size concept with optimal
balance between power and control.
Offers you full protection: Each
tool individually tested at 10,000 V AC and approved for 1,000 V AC.
Slotted, Phillips 7-pcs.
320N K7
Order-No.
00834
1
2,5 x 75 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150
PH1 x 80 / PH2 x 100
Voltage tester SoftFinish® single-pole, 110-250 volts
Manufactured acc. to IEC 60900:2012.
Slotted, Phillips 6-pcs.
320N K6
Order-No.
00833
10
3,0 x 100 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150
PH1 x 80 / PH2 x 100
Manufactured acc. to IEC 60900:2012.
Slotted, Pozidriv 6-pcs.
320N ZK6 SO
Order-No.
25477
1
2,5 x 75 / 3,5 x 100 / 4,5 x 125 / 5,5 x 125
PZ1 x 80 / PZ2 x 100
Manufactured acc. to IEC 60900:2012.
Screwdriver set SoftFinish® electric
Protects your health: With the patented SoftFinish® handle design,
ensuring work is kind to hands and muscles. Recommended by doctors
and therapists at German Campaign for Healthier Backs.
Increases
your efficiency: The unique Wiha handle size concept with optimal
balance between power and control.
Offers you full protection: Each
tool individually tested at 10,000 V AC and approved for 1,000 V AC.
Hexagon nut driver 5-pcs.
322 K5
Order-No.
29466
1
5,5 x 125 / 7 x 125 / 8 x 125 / 10 x 125 / 13 x 125
Manufactured acc. to IEC 60900:2012.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com