Electronic Components Datasheet Search
  English  ▼

X  

33445 Datasheet(PDF) 1 Page - Wiha Tools

Part # 33445
Description  Insulated Industrial Water Pump Pliers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33445 Datasheet(HTML) 1 Page - Wiha Tools

  33445 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
Insulated T-handle Metric Nut Drivers
Item No. Description
Case Pack
33632
8.0 x 200mm
10
33634
10.0 x 230mm
10
33637
13.0 x 230mm
10
33641
17.0 x 230mm
10
5 Pc. Ins. Industrial Cutters & Drivers Set
Item No. Description
Case Pack
32983
Insulated Industrial Set
3
6.3” Diagonal Cutters
Slotted: 3.0, 4.5mm & Phillips: #1, 2
6 Pc. Insulated Industrial Pliers & Drivers Set
Item No. Description
Case Pack
32984
Insulated Industrial Set
1
8.0” Combination Pliers, 8.0” Long Nose Pliers
Slotted: 3.0, 4.5mm & Phillips: #2 & Square: #2
3 Pc. Insulated Industrial Pliers & Cutters Set
Item No. Description
Case Pack
32981
Insulated Industrial Set
3
8.0” High Leverage Combination Pliers,
8.0” Long Nose Pliers & 8.0” Diagonal Pliers
7 Pc. Industrial Pliers/Cutters & Drivers Set
Item No. Description
Case Pack
32985
Insulated Industrial Set
3
8.0” Combo Pliers, 6.3” Long Nose Pliers,
6.3” Diagonal Cutters
Slotted: 3.0, 4.5mm & Phillips: #1, 2
11 Pc. Industrial Pliers/Cutters & Drivers Set
Item No. Description
Case Pack
32986
Insulated Industrial Set
1
6.3” Long Nose Pliers, 6.3” Diagonal Cutters,
8.0” Combo Pliers, 6.3” Stripping Pliers
Slotted: 3.0, 4.5, 5.5mm
Phillips: #1, 2 & Square: #1, 2
8 Pc. Insulated Industrial Pliers/Cutters Set
Item No. Description
Case Pack
32987
Insulated Industrial Set
1
6.3” & 8.0” Long Nose Pliers, 6.3” Diagonal Cutters,
8.0” H.D. Diagonal Cutters, 9.0” Lineman’s w/Cutters,
6.3” Stripping Pliers, 8.0” Cable Cutters,
7.0” Crimpers
22 Pc. Insulated Industrial Pliers/SlimLine Set
Item No. Description
Case Pack
32988
Ind. & SlimLine Set
1
8.0” Long Nose Pliers, 6.3” Diagonal Cutters,
8.0” H.D. Diagonal Cutters, 9.0” Lineman’s w/Cutters,
6.3” Strip Pliers, 8.0” Cable Cutters, 7.0” Crimpers
SlimLine Blade Set Includes: SlimLine Blade Holder
Slotted: 3.0, 4.0, 5.5, 6.5mm & Phillips: #1, 2
Xeno: #1, 2 & Sq.: #1, 2 & TORX: T8, T10, T15, T20
9 Pc. Insulated Industrial Pliers & Cutters Set
Item No. Description
Case Pack
32999
Insulated Pliers Set
1
8.0” Combo Pliers, 9” Lineman’s Pliers,
6.3” & 8.0” Long Nose Pliers, 6.3” Stripping Pliers,
6.3” & 8.0” Diagonal Cutters, 7.0” Crimping Pliers,
8.0” Cable Cutters
In Blow Molded
Tool Tray
28 Pc. Insulated Pliers/Screwdrivers Tray Sets
Item No. Description
Case Pack
32989
Insulated Pliers Set
1
8” Combo Pliers, 9” Lineman’s Pliers, 8” Cable Cutters,
6.3” & 8” Long Nose Pliers, 6.3” Stripping Pliers,
6.3” & 8” Diagonal Cutters, 7” Crimping Pliers
Slot: 2.5, 3.0, 3.5, 4.0, 4.5, 5.5, 6.0, 6.5, 8.0, 10.0mm
Phillips: #0, 1, 2, 3 & Square: #1, 2 & Xeno: #1, 2
Cat. III Voltage Detector - Battery Operated
In Blow Molded
Tool Trays
1000Volt Insulated Inch T-handle
Item No. Description
Case Pack
33481
5/32” x 5.9”
10
33482
3/16” x 5.9”
10
33483
7/32” x 5.9”
10
33485
1/4” x 6.9”
10
33486
5/16” x 6.9”
10
33487
3/8” x 6.9”
10
6 Pc. Insulated Hex Inch T-handle Set
Item No. Description
Case Pack
33490
Insulated T-handle Set
3
Inch: 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
5 Pc. Insulated Hex Metric T-handle Set
Item No. Description
Case Pack
33478
Insulated T-handle Set
3
Metric: 4.0, 5.0, 6.0, 8.0, 10.0mm
1000Volt Insulated Metric T-handle
Item No. Description
Case Pack
33441
4.0 x 150mm
10
33443
5.0 x 150mm
10
33445
6.0 x 150mm
10
33447
8.0 x 150mm
10
33449
10.0 x 150mm
10
2 Pc. Insulated Slotted & Phillips Set
Item No. Description
Case Pack
33532
Insulated Screwdriver Set
3
Slotted: 6.0mm & Phillips: #2
Insulated Industrial Water Pump Pliers
Item No. Description
Case Pack
32954
10.0”/250mm
3
Insulated Ind. Push Button Water Pump Pliers
Item No. Description
Case Pack
32956
10.0”/250mm
3
22 Pc. Industrial Pliers/Cutters & Drivers Set
Item No. Description
Case Pack
32973
Insulated Industrial Set
1
9.0” Lineman’s w/Crimpers, 8.0” Long Nose Pliers,
8.0” Diagonal Cutters, 50mm Stripping Knife
Slim Slotted: 3.5, 4.5mm & Slim Phillips: #1, 2
Slim Xeno: #1, 2 & Slim Square: #1, 2
T-handle Hex Inch: 3/16, 7/32, 1/4, 5/16, 3/8, 5/32”
Nut Drivers Inch: 3/8, 7/16, 1/4, 5/16”
17 Pc. Industrial Pliers/Cutters & Pop Up Set
Item No. Description
Case Pack
32990
Insulated Industrial Pouch Set
1
8.0” Long Nose Pliers, 8.0” High Leverage Cutters
9.5” Lineman’s Pliers
Slotted: 4.5, 5.5, 6.0mm & Phillips: #0, 1, 2, 3
Sq: #1, 2, 3 & TORX: T15, T20, T25
11 Pc. Insulated Pliers/Cutters & Driver Set
Item No. Description
Case Pack
32977
Insulated Industrial Set
1
Pliers & Cutters: 8.0” Combination Pliers,
8.0” Long Nose Pliers w/Cutters, 8.0” High Leverage
Cutters, 6.3” Long Nose Pliers, 6.3” Diagonal Cutters
Slotted: 3.0, 4.0, 6.5mm & Phillips: #0, 1, 2
3 Pc. Insulated Industrial Pliers & Cutters Set
Item No. Description
Case Pack
32968
Insulated Industrial Set
3
9.5” NE Style Lineman’s Pliers, 8.0” Long Nose Pliers,
8.0” Diagonal Cutters
3 Pc. Insulated Industrial Pliers & Cutters Set
Item No. Description
Case Pack
32960
Insulated Industrial Set
1
9.5” NE Style Lineman’s Pliers
8.0” Long Nose Pliers & 8.0” Angled Cutters
7 Pc. Industrial Insulated Combination Set
Item No. Description
Case Pack
32958
Drivers & Combo Pliers Set
3
8.0” Combination Pliers
Slotted: 3.5, 4.5, 5.5mm & Phillips: #0, #1, #2
Small - 11” x 7.75” x 1.25”


Similar Part No. - 33445

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
33445 WIHA-33445 Datasheet
6Mb / 44P
Professional Insulated Tools
More results

Similar Description - 33445

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
logo
List of Unclassifed Man...
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
GWE6-12 ETC2-GWE6-12 Datasheet
123Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
TWE10-12 ETC2-TWE10-12 Datasheet
144Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Monolithic Power System...
MPQ9361 MPS-MPQ9361 Datasheet
386Kb / 8P
Industrial Grade, High Performance Regulated Charge Pump
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-UR-10 PHOENIX-CRIMPFOX-UR-10 Datasheet
73Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-ZA-5 PHOENIX-CRIMPFOX-ZA-5 Datasheet
75Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com