Electronic Components Datasheet Search
  English  ▼

X  

20194 Datasheet(PDF) 15 Page - Wiha Tools

Part # 20194
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20194 Datasheet(HTML) 15 Page - Wiha Tools

Back Button 20194 Datasheet HTML 11Page - Wiha Tools 20194 Datasheet HTML 12Page - Wiha Tools 20194 Datasheet HTML 13Page - Wiha Tools 20194 Datasheet HTML 14Page - Wiha Tools 20194 Datasheet HTML 15Page - Wiha Tools 20194 Datasheet HTML 16Page - Wiha Tools 20194 Datasheet HTML 17Page - Wiha Tools 20194 Datasheet HTML 18Page - Wiha Tools 20194 Datasheet HTML 19Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
Insulated 1/2” Drive Ratchet, IEC/EN 60900 & CSA
Chrome-Vanadium steel. Reversible.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/2”
260
10.2
1.55
1
1000Volt
Insulated 1/2” Extension Bars, EN/IEC 60900 & CSA
Chrome-vanadium steel.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/2”
125
4.9
.45
1
1/2”
250
9.8
.91
1
1000Volt
Wiha Insulated 1/2” Socket accessories
Insulated 1/2” Drive T-handle, With Insulated Handle
Insulation according to EN/IEC 60900 & CSA Specification, Up To
1000 Volt. Individually Tested. Blade VC steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/2
200
7.9”
.68
1
1000Volt
Cable Cutter, With Insulated Handle
Insulation According to EN/IEC 60900, ASTM F-1505 & CSA
Specification, Up To 1000 Volt. Individually Tested.
Blade alloyed tool steel. Induction hardened.
Item
OAL
OAL
Capacity
No.
mm
Inch
mm
Inch
lbs.
pkg.
500
19.6
12
1/2”
3.0
1
1000Volt
Large Capacity Cable Cutter, With Insulated Handle
Insulation According to EN/IEC 60900, ASTM F-1505 & CSA
Specification, Up to 1000 Volt. Individually Tested.
Easy cutting blades, dropped forged, oil hardened. Cuts cable
diameters up to 50mm. Not to be used on steel rods.
Item
OAL
OAL
Capacity
No.
mm
Inch
mm
Inch
lbs.
pkg.
800
31.5
50
2”
8.0
1
1000Volt
Wiha Insulated Cable Cutters
For cutting solid
aluminum & copper
conductors
For cutting multi strand aluminum & copper cables
Waterpump Pliers, With Insulated Handle
Insulation According to EN/IEC 60900, DIN ISO 8976, ASTM F-1505
& CSA Specification, Up To 1000 Volt. Individually Tested.
Box joint. Chrome-vanadium steel, drop forged, oil hardened.
Item
OAL
OAL
Capacity
No.
mm
Inch
mm
lbs.
pkg.
240
9.5
7/8”
1.1
1
1000Volt
31.5”
Hacksaw, With Insulated Handle
Insulation According to EN/IEC 60900, DIN ISO 8976, ASTM F-1505
& CSA Specification, Up To 1000 Volt. Individually Tested.
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
457mm
18.0”
1.92
1
1000Volt
End Cutters, With Insulated Handle. Insulation According
to EN/IEC 60900, DIN ISO 8976, ASTM F-1505 & CSA Specification.
Individually Tested. Blade alloyed tool steel. Induction hardened.
Item
OAL
OAL
Capacity
No.
mm
Inch
mm
lbs.
pkg.
250
10
7/8”
1.1
1
1000Volt
For cutting
solid aluminum,
copper & medium
hard wires
Uses standard
12” blade
Waterpump Pliers, With Insulated Handle
Insulation According to EN/IEC 60900, DIN ISO 8976, ASTM F-1505
& CSA Specification, Up To 1000 Volt. Individually Tested.
Chrome-vanadium steel, drop forged, oil hardened.
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
250
10.0”
1.2
1
300
12.0”
1.8
1
1000Volt
12853
12853
128
12858
12859
29012
29012
19767
19767
11950
11950
40800
40800
29240
29240
29250
29250
116
11625
11630
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com