Electronic Components Datasheet Search
  English  ▼

X  

42989 Datasheet(PDF) 1 Page - Wiha Tools

Part # 42989
Description  Screwdriver with bit holder set SoftFinish electric slimVario
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

42989 Datasheet(HTML) 1 Page - Wiha Tools

  42989 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
136
136
Which drives are used for each individual product? Page 304
Screwdriver with bit holder set SoftFinish® electric slimVario®
Stubby, 4-pcs.
SB 2831 0101
Order-No.
41230
1
Screwdriver with bit holder SoftFinish® electric slimVario Stubby
for slimBits Tool tested at 10,000 V AC
3,5 x 75
PH2 x 75
SL/PZ2 x 75
Manufactured acc. to IEC 60900.
Fine screwdriver set PicoFinish® electric
Slotted, Phillips, 6-pcs.
227P
Order-No.
42989
1
2,0 x 50  / 2,5 x 65  / 3 x 65  / 1,5 x 50
PH00 x 50  / PH0 x 65
INFOBOX:
PicoFinish electric
Wiha PicoFinish electric: The VDE-GS tested
precision screwdriver.
• The smooth-running turn-cap enables fast turning.
• Imprint with the screw symbol and sizes eases
recognition.
slimBit electric bit set
TORX®, 6-pcs. in box
2831-B604
Order-No.
42210
6
1 x T8  / 1 x T9  / 1 x T10  / 1 x T15  / 1 x T20  / 1 x T25
Manufactured acc. to IEC 60900.
Slotted, Pozidriv, 6-pcs. in box
2831-B605
Order-No.
42211
6
1 x 2,5  / 1 x 3,5  / 1 x 5,5  / 1 x 6,5
1 x PZ1  / 1 x PZ2
Manufactured acc. to IEC 60900.
Slotted, Phillips, 6-pcs. in box
2831-B606
Order-No.
42212
6
1 x 6,5  / 1 x 2,5  / 1 x 5,5  / 1 x 3,5
1 x PH1  / 1 x PH2
Manufactured acc. to IEC 60900.
Slotted, PlusMinus/Pozidriv, 6-pcs. in box
2831-B607
Order-No.
42213
6
1 x 2,5  / 1 x 3,5  / 1 x 5,5  / 1 x 6,5
1 x SL/PZ1  / 1 x SL/PZ2
Manufactured acc. to IEC 60900.
Hex, 6-pcs. in box
2831-B608
Order-No.
42214
6
1 x 2  / 1 x 2,5  / 1 x 3  / 1 x 4  / 1 x 5  / 1 x 6
Manufactured acc. to IEC 60900.


Similar Part No. - 42989

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4298 POMONA-4298 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Female
logo
Heyco.
4298 HEYCO-4298 Datasheet
93Kb / 1P
Nylon Kayak Clips
More results

Similar Description - 42989

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDCR-104 RICHCO-LEDCR-104 Datasheet
50Kb / 1P
LED HOLDER SET (CLIP AND RING)
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
logo
FIBOX Enclosing innovat...
3532385 FIBOX-3532385 Datasheet
65Kb / 1P
Bus-bar holder set
31.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com