Electronic Components Datasheet Search
  English  ▼

X  

41245 Datasheet(PDF) 1 Page - Wiha Tools

Part # 41245
Description  Screwdriver and bit set slimVario screwdriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41245 Datasheet(HTML) 1 Page - Wiha Tools

  41245 Datasheet HTML 1Page - Wiha Tools 41245 Datasheet HTML 2Page - Wiha Tools 41245 Datasheet HTML 3Page - Wiha Tools 41245 Datasheet HTML 4Page - Wiha Tools 41245 Datasheet HTML 5Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
38
Wiha highlights.
You can find more products in the Extended product range section: page 176
Wiha highlights.
You can find more products in the Extended product range section: page 176
Slotted, Phillips, Pozidriv, 9-pcs. in bag
2831 T9 01
Order-No.
41232
1
1 x Screwdriver with bit holder SoftFinish® electric slimVario Stubby for slimBits
1 x Screwdriver with bit holder SoftFinish® electric slimVario for slimBits
1 x 2,5 / 1 x 5,5
1 x PH1 / 1 x PH2
1 x PZ1 / 1 x PZ2
Manufactured acc. to IEC 60900:2012.
Slotted, Pozidriv, PlusMinus/Pozidriv, 9-pcs. in bag
2831 T9 02
Order-No.
41233
1
1 x Screwdriver with bit holder SoftFinish® electric slimVario Stubby for slimBits
1 x Screwdriver with bit holder SoftFinish® electric slimVario for slimBits
1 x 2,5 / 1 x 5,5
1 x PZ1 / 1 x PZ2
1 x SL/PZ1 / 1 x SL/PZ2
Manufactured acc. to IEC 60900:2012.
Screwdriver and bit set slimVario screwdriver
Simplifies your work: All tools securely arranged in a robust and clearly laid out bag. Increases your safety: Wiha SlimBits ensure unlimited,
protected access to deep-set screws.
Increases your efficiency: Extensive interchangeable blade system saves you space. Offers you full
protection: Each tool individually tested at 10,000 V AC and approved for 1,000 V AC.


Similar Part No. - 41245

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
41245 WIHA-41245 Datasheet
64Kb / 1P
Screwdriver set SoftFinish® electric slimFix
More results

Similar Description - 41245

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
1212607 PHOENIX-1212607 Datasheet
43Kb / 2P
Screwdriver - SF-BIT-SL 0,45X2,4-70
1212646 PHOENIX-1212646 Datasheet
44Kb / 2P
Screwdriver - SF-BIT-HEX 2,5-50
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com