Electronic Components Datasheet Search
  English  ▼

X  

42998 Datasheet(PDF) 1 Page - Wiha Tools

Part # 42998
Description  Fine screwdriver set PicoFinish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

42998 Datasheet(HTML) 1 Page - Wiha Tools

  42998 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
145
145
Fine screwdriver set PicoFinish
Slotted, Phillips 7-pcs.
260P
Order-No.
42991
1
1,5 x 40 / 2,0 x 40 / 2,5 x 50 / 3,0 x 50
PH00 x 40 / PH0 x 50 / PH1 x 60
Slotted, Phillips, 6 pcs. with holder 
260P
Order-No.
42990
1
1,5 x 40 / 2,0 x 40 / 2,5 x 50 / 3,0 x 50
PH00 x 40 / PH0 x 50
TORX® MagicSpring®, 6 pcs. with holder 
267PR
Order-No.
42998
1
T6 x 40  / T7 x 40  / T8 x 40  / T9 x 50  / T10 x 50  / T15 x 60
TORX®, 6 pcs. with holder 
267P
Order-No.
42996
1
T7 x 40 / T8 x 40 / T9 x 50 / T10 x 50 / T15 x 60 / T20 x  60
TORX®, 6 pcs. with holder 
267P
Order-No.
42997
1
T4 x 40 / T5 x 40 / T6 x 40 / T7 x 40 / T8 x 40 / T9 x 50
Hexagonal ball end, 6 pcs. with holder 
264P
Order-No.
42993
1
0,9 (0,035") x 40
1,3 (0,05") x 40 / 1,5 x 50 / 2,0 x 50 / 2,5 x 60  / 3,0 x 60
Hex, 6 pcs. with holder 
263P
Order-No.
42992
1
0,9 (0,035“) x 40 / 1,3 (0,05“) x 40 / 1,5 x 50 / 2,0 (5/64“) x 50 /
2,5 x 60  / 3,0 x 60
Hexagon nut driver 6-pcs. with holder
265P
Order-No.
42994
1
2,5 x 60  / 3,0 x 60 / 3,5 x 60  / 4,0 x 60  / 5 x 60  / 5,5 x 60
INFOBOX:
PicoFinish
Wiha PicoFinish precision screwdriver
• The comfortable precision screwdriver for fine and
delicate fastenings.
• The smooth-running turn-cap enables fast turning.
• Imprint with the screw symbol and sizes eases
recognition.


Similar Part No. - 42998

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4299 POMONA-4299 Datasheet
25Kb / 1P
Adapter SMA Female To Type ?쏯??Female
logo
Heyco.
4299 HEYCO-4299 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Adafruit Industries
4299 ADAFRUIT-4299 Datasheet
1Mb / 2P
Micro B USB to USB C Adapter
7-16-19
logo
TEKTRONIX, INC.
4299-10 TEKTRONIX-4299-10 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
4299-10 TEKTRONIX-4299-10 Datasheet
1Mb / 27P
DMM 7510 7쩍-Digit Graphical Sampling Multimeter
More results

Similar Description - 42998

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-SL PHOENIX-SF-SL Datasheet
64Kb / 3P
Screwdriver set, bladed/crosshead Phillips Recess짰, VDE insulated, 6-part, incl. rack
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com