Electronic Components Datasheet Search
  English  ▼

X  

35403 Datasheet(PDF) 1 Page - Wiha Tools

Part # 35403
Description  13 Pc. Inch Hex L-key Set - Nickel Finish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35403 Datasheet(HTML) 1 Page - Wiha Tools

  35403 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
53
www.wihatools.com • USA | www.wihatools.ca • CANADA
13 Pc. Inch Hex L-key Set - Nickel Finish
Item No. Description
Case Pack
35194
Hex L-key Set
6
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
7 Pc. Metric Hex PocketStar Fold Out
Item No. Description
Case Pack
35195
Hex PocketStar Set
6
Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
9 Pc. Inch Hex PocketStar Fold Out
Item No. Description
Case Pack
35197
Hex PocketStar Set
6
In: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
13 Pc. Inch Hex L-key Set - Nickel Finish
Item No. Description
Case Pack
35295
Hex L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
9 Pc. Metric Hex L-key Set - Nickel Finish
Item No. Description
Case Pack
35297
Hex L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
9 Pc. Metric Hex L-key Set - Black Finish
Item No. Description
Case Pack
35390
Short Arm L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
13 Pc. Inch Hex L-key Set - Black Finish
Item No. Description
Case Pack
35391
Short Arm L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
5 Pc. Metric Hex L-key Set - Black Finish
Item No. Description
Case Pack
35392
Short Arm L-key Set
3
Metric: 0.7, 0.9, 1.3, 1.5, 2.0mm
5 Pc. Inch Hex L-key Set - Black Finish
Item No. Description
Case Pack
35393
Short Arm L-key Set
3
Inch: .028, .035, .050, 1/16, 5/64”
Long Arm Hex Metric L-keys - Nickel Finish
Item No. Description
Case Pack
35401
1.5mm - 10 Pack
3
35402
2.0mm - 10 Pack
3
35403
2.5mm - 10 Pack
3
35404
3.0mm - 10 Pack
3
35405
4.0mm - 10 Pack
3
35406
5.0mm - 10 Pack
3
35407
6.0mm - 10 Pack
3
35408
8.0mm - 10 Pack
3
35409
10.0mm - 10 Pack
3
Long Arm Hex Inch L-keys - Nickel Finish
Item No. Description
Case Pack
35410
.050 - 10 Pack
3
35411
1/16” - 10 Pack
3
35412
5/64” - 10 Pack
3
35413
3/32” - 10 Pack
3
35414
7/64” - 10 Pack
3
35415
1/8” - 10 Pack
3
35416
9/64” - 10 Pack
3
35417
5/32” - 10 Pack
3
35418
3/16” - 10 Pack
3
35419
7/32” - 10 Pack
3
35420
1/4” - 10 Pack
3
35421
5/16” - 10 Pack
3
35422
3/8” - 10 Pack
3
Ball End Hex Metric L-keys - Black Finish
Item No. Description
Case Pack
36904
1.5 x 90mm
10
36908
2.0 x 99mm
10
36912
2.5 x 111mm
10
36916
3.0 x 125mm
10
36920
4.0 x 138mm
10
36924
5.0 x 158mm
10
36928
6.0 x 178mm
10
36936
8.0 x 198mm
10
36944
10.0 x 221mm
10
Short Arm Hex Metric L-keys - Black Finish
Item No. Description
Case Pack
35303
1.3mm - 10Pack
3
35304
1.5mm - 10 Pack
3
35305
2.0mm - 10 Pack
3
35306
2.5mm - 10 Pack
3
35307
3.0mm - 10 Pack
3
35308
4.0mm - 10 Pack
3
35309
5.0mm - 10 Pack
3
35310
6.0mm - 10 Pack
3
35312
8.0mm - 10 Pack
3
35314
10.0mm - 10 Pack
3
Ball End Hex Inch L-keys - Chrome Finish
Item No. Description
Case Pack
36949
1/8 x 4.6”
10
36951
9/64 x 4.6”
10
36954
5/32 x 5.7”
10
36957
3/16 x 6.2”
10
36958
7/32 x 6.7”
10
36960
1/4 x 7.3”
10
36961
5/16 x 8.0”
10
36963
3/8 x 8.8”
10
Ball End Hex Inch L-keys - Black Finish
Item No. Description
Case Pack
36945
.050 x 2.8”
10
36946
1/16 x 3.1”
10
36947
5/64 x 3.5”
10
36950
3/32 x 3.9”
10
36952
7/64 x 4.3”
10
36953
1/8 x 4.6”
10
36955
9/64 x 5.2”
10
36956
5/32 x 5.7”
10
36959
3/16 x 6.2”
10
36962
7/32 x 6.7”
10
36965
1/4 x 7.3”
10
36968
5/16 x 8.0”
10
36971
3/8 x 8.8”
10
9 Pc. Ball End Hex Metric Long Arm L-key Set
Item No. Description
Case Pack
36990
Black finish L-ket Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0 6.0, 8.0, 10.0mm
13 Pc. Ball End Hex Inch Long Arm L-key Set
Item No. Description
Case Pack
36991
Black Finish L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
6 Pc. Ball End Hex Metric Long Arm L-key Set
Item No. Description
Case Pack
36992
Black Finish L-key Set
3
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0mm
8 Pc. Ball End Hex Inch Long Arm L-key Set
Item No. Description
Case Pack
36993
Black Finish L-key Set
3
Inch: 5/64, 3/32, 1/8, 5/32, 3/16, 7/32, 1/4, 5/16”
22 Pc. Ball End Hex Inch & Metric L-key Sets
Item No. Description
Case Pack
36995
Black Finish L-key Sets
3
Inch: .050 - 3/8” & Metric: 1.5 - 10.0mm
13 Pc. Ball End Hex Inch Long Arm L-key Set
Item No. Description
Case Pack
36998
Chrome Finish L-key Set
3
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Soft Grip Ball End Hex Inch Dual Drive T-handle
Item No. Description
Case Pack
54001
5/32 x 5.9”
10
54002
3/16 x 5.9”
10
54003
7/32 x 5.9”
10
54004
1/4 x 5.9”
10
54005
5/16 x 7.9”
10
54006
3/8 x 7.9”
10
54007
3/32 x 5.9”
10
54008
7/64 x 5.9”
10
54009
1/8 x 5.9”
10
54010
9/64 x 5.9”
10
MagicRing Ball End Hex Inch T-handle
Item No. Description
Case Pack
54012
5/32 x 5.8”
10
54014
3/16 x 5.8”
10
54016
7/32 x 5.8”
10
54018
1/4 x 5.8”
10
54022
5/16 x 7.8”
10
54024
3/8 x 7.8”
10
Soft Grip Ball End Hex Metric T-handle
Item No. Description
Case Pack
54020
2.0 x 150mm
10
54025
2.5 x 150mm
10
54030
3.0 x 150mm
10
54042
4.0 x 150mm
10
54052
5.0 x 150mm
10
54062
6.0 x 150mm
10
54082
8.0 x 200mm
10
54088
10.0 x 200mm
10
Dual Drive
Screw Holding


Similar Part No. - 35403

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354030 ERNI-354030 Datasheet
476Kb / 1P
1.27 DRC Adapterstuck BTB 38mm 80-polig
logo
List of Unclassifed Man...
3540301600 ETC2-3540301600 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 35403

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7283 POMONA-7283 Datasheet
123Kb / 1P
3-Pin In-Line XLR, Silver Contacts, Nickel Finish
logo
List of Unclassifed Man...
022533 ETC2-022533 Datasheet
6Mb / 1P
950 SPKL/7B SM Magnet Hex Key Set, metric, Blacklaser
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
E-SWITCH
K900019 E-SWITCH-K900019 Datasheet
151Kb / 1P
STEEL TUBULAR KEY, NICKEL PLATED
K900020 E-SWITCH-K900020 Datasheet
75Kb / 1P
STEEL TUBULAR KEY, NICKEL PLATED
logo
RAF ELECTRONIC HARDWARE
M2268-6010-AL RAF-M2268-6010-AL Datasheet
82Kb / 1P
13 MM HEX MALE-FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com