Electronic Components Datasheet Search
  English  ▼

X  

01718 Datasheet(PDF) 25 Page - Wiha Tools

Part # 01718
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01718 Datasheet(HTML) 25 Page - Wiha Tools

Back Button 01718 Datasheet HTML 21Page - Wiha Tools 01718 Datasheet HTML 22Page - Wiha Tools 01718 Datasheet HTML 23Page - Wiha Tools 01718 Datasheet HTML 24Page - Wiha Tools 01718 Datasheet HTML 25Page - Wiha Tools 01718 Datasheet HTML 26Page - Wiha Tools 01718 Datasheet HTML 27Page - Wiha Tools 01718 Datasheet HTML 28Page - Wiha Tools 01718 Datasheet HTML 29Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
28339-91
Torque TR / Topra 2K bit universal holder.
Blade:
High quality chrome-vanadium molybdenum steel.
Application:
For applications where recommended torque settings are important.
Ord.No.
39255
1
1/4
45
6
11,4
All prices are quoted net/pc.
28339
Torque TR / Topra 2K adapter blade.
Blade:
High quality chrome-vanadium molybdenum steel.
Application:
For controlled turning of screws with nuts at a prescribed torque.
Ord.No.
39256
1
1/4
52
6
39257
1
3/8
52
6
All prices are quoted net/pc.
Page 25 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com