Electronic Components Datasheet Search
  English  ▼

X  

41833 Datasheet(PDF) 1 Page - Wiha Tools

Part # 41833
Description  XLSelector Y bit set, 50 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41833 Datasheet(HTML) 1 Page - Wiha Tools

  41833 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
226
Which drives are used for each individual product? Page 304
XLSelector Y bit set, 25 mm
TORX® 31-pcs. 1/4"
SB 7948-Y505
Order-No.
41833
6
3 x T10  / 6 x T15  / 6 x T20  / 6 x T25  / 6 x T30  / 3 x T40
1 x Bit holder magnetic extra strong magnet 1/4"
•compared to Wiha standard bit
Phillips, Pozidriv, TORX®, 31-pcs., 1/4"
SB 7948-Y904
Order-No.
41832
6
1 x PH1  / 1 x PH3  / 4 x PH2
2 x PZ1  / 4 x PZ2  / 2 x PZ3
2 x T10  / 3 x T15  / 3 x T20  / 3 x T25  / 3 x T30  / 2 x T40
1 x Bit holder magnetic extra strong magnet 1/4"
•compared to Wiha standard bit
•compared to Wiha standard bit
•compared to Wiha standard bit
Y bit set, 50 mm
Order-No.
41624
5 x PH1
6
41625
5 x PH2
6
41626
5 x PH3
6
41627
5 x PZ1
6
41628
5 x PZ2
6
41629
5 x PZ3
6
41630
5 x T10
6
41631
5 x T15
6
41632
5 x T20
6
41633
5 x T25
6
41634
5 x T27
6
41635
5 x T30
6
41636
5 x T40
6
XLSelector Y bit set, 50 mm
Phillips, Pozidriv, TORX®, 13-pcs., 1/4"
SB 7948-Y950
Order-No.
41834
6
2 x PH2
1 x PZ1  / 2 x PZ2  / 1 x PZ3
1 x T10  / 1 x T15  / 1 x T20  / 1 x T25  / 1 x T30  / 1 x T40
1 x Bit holder magnetic extra strong magnet, 1/4"
•compared to Wiha standard bit
Y bit set, 25 mm
Order-No.
41585
5 x PH1
6
41586
5 x PH2
6
41587
5 x PH3
6
41588
5 x PZ1
6
41589
5 x PZ2
6
41590
5 x PZ3
6
41591
5 x T10
6
41592
5 x T15
6
41593
5 x T20
6
41594
5 x T25
6
41595
5 x T27
6
41596
5 x T30
6
41597
5 x T40
6


Similar Part No. - 41833

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4183 ADAFRUIT-4183 Datasheet
789Kb / 2P
Soft Silicone Top 6mm Push-buttons (20- pack) - Translucent
5-29-19
logo
Wiha Tools
41830 WIHA-41830 Datasheet
55Kb / 1P
TY bit set 29 mm
41831 WIHA-41831 Datasheet
55Kb / 1P
TY bit set 29 mm
logo
Lattice Semiconductor
418311170804 LATTICE-418311170804 Datasheet
3Mb / 32P
ECP5 Versa Development Board User Guide
Version 2.3, September 2018
logo
Wurth Elektronik GmbH &...
4183111708XX WURTH-4183111708XX Datasheet
108Kb / 1P
WS-DISU, Piano type, SMD version, flat Actuator without top tape sealed
More results

Similar Description - 41833

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L4C383 LODEV-L4C383 Datasheet
83Kb / 11P
16-bit Cascadable ALU (Extended Set)
logo
Rosenberger Hochfrequen...
VA26-NM-NM-60 ROSENBERGER-VA26-NM-NM-60 Datasheet
116Kb / 2P
TEST CABLE SET RPC-N 50 / RPC-N 50
logo
PHOENIX CONTACT
2732729 PHOENIX-2732729 Datasheet
44Kb / 2P
Set of 50 small and 50 large metal marking labels
1209952 PHOENIX-1209952 Datasheet
48Kb / 3P
Tool set - ASD BIT SET HN
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
logo
List of Unclassifed Man...
CT3076 ETC-CT3076 Datasheet
262Kb / 2P
2 mm Banana Jack Wrench Set
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
PHOENIX CONTACT
2297992 PHOENIX-2297992 Datasheet
61Kb / 3P
Configuration package - MM-CONF-SET
09/12/2020
logo
Balluff Korea Ltd.
BCC0AFL BALLUFF-BCC0AFL Datasheet
109Kb / 2P
Y-Splitters
0.93_2022-07-16
logo
FIBOX Enclosing innovat...
6300004 FIBOX-6300004 Datasheet
60Kb / 1P
Grey screw set, High cover (25-100 mm)
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com