Electronic Components Datasheet Search
  English  ▼

X  

41603 Datasheet(PDF) 1 Page - Wiha Tools

Part # 41603
Description  FlipSelector T bit set, 25 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41603 Datasheet(HTML) 1 Page - Wiha Tools

  41603 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
225
•compared to Wiha standard bit
FlipSelector T bit set, 25 mm
Hexagon 16-pcs. 1/4"
SB 7947-T303
Order-No.
41825
6
3 x SW3  / 3 x SW4  / 3 x SW5  / 3 x SW6
1 x Bit holder magnetic extra strong magnet 1/4"
•compared to Wiha standard bit
Phillips, Pozidriv, TORX®, 13-pcs., 1/4"
SB 7947-T906
Order-No.
41824
6
1 x PH1  / 3 x PH2  / 1 x PH3
1 x PZ2
1 x T10  / 1 x T15  / 1 x T20  / 1 x T25  / 1 x T30  / 1 x T40
1 x Bit holder magnetic extra strong magnet 1/4"
•compared to Wiha standard bit
assorted 1/4" 13-pcs.
SB 7947-T999
Order-No.
41826
6
1 x PH1  / 1 x PH2  / 1 x PH3
1 x PZ2
1 x SW4  / 1 x SW5  / 1 x SW6
1 x T15  / 1 x T20  / 1 x T25  / 1 x T30  / 1 x T40
1 x Bit holder magnetic extra strong magnet 1/4"
•compared to Wiha standard bit
•compared to Wiha standard bit
T bit set, 50 mm
Order-No.
41637
5 x PH1
6
41638
5 x PH2
6
41639
5 x PH3
6
41640
5 x PZ1
6
41641
5 x PZ2
6
41642
5 x PZ3
6
41650
5 x SW3
6
41651
5 x SW4
6
41652
5 x SW5
6
41653
5 x SW6
6
41643
5 x T10
6
41644
5 x T15
6
41645
5 x T20
6
41646
5 x T25
6
41647
5 x T27
6
41648
5 x T30
6
41649
5 x T40
6
41660
5 x #1
6
41662
5 x #2
6
41663
5 x #3
6
T bit set, 25 mm
Order-No.
41598
5 x PH1
6
41599
5 x PH2
6
41600
5 x PH3
6
41601
5 x PZ1
6
41602
5 x PZ2
6
41603
5 x PZ3
6
41611
5 x SW3
6
41612
5 x SW4
6
41613
5 x SW5
6
41614
5 x SW6
6
41604
5 x T10
6
41605
5 x T15
6
41606
5 x T20
6
41607
5 x T25
6
41608
5 x T27
6
41609
5 x T30
6
41610
5 x T40
6
41621
5 x #1
6
41622
5 x #2
6
41623
5 x #3
6


Similar Part No. - 41603

ManufacturerPart #DatasheetDescription
logo
Lapp.
4160300 LAPP-4160300 Datasheet
507Kb / 8P
MULTI-STANDARD SC 2.1
05.02.2018
4160300K LAPP-4160300K Datasheet
507Kb / 8P
MULTI-STANDARD SC 2.1
05.02.2018
4160301 LAPP-4160301 Datasheet
507Kb / 8P
MULTI-STANDARD SC 2.1
05.02.2018
4160301K LAPP-4160301K Datasheet
507Kb / 8P
MULTI-STANDARD SC 2.1
05.02.2018
4160302 LAPP-4160302 Datasheet
507Kb / 8P
MULTI-STANDARD SC 2.1
05.02.2018
More results

Similar Description - 41603

ManufacturerPart #DatasheetDescription
logo
LEM
CT25-T LEM-CT25-T Datasheet
54Kb / 2P
Current Transducers CT 25-T
logo
TE Connectivity Ltd
C-1-528041-5 TEC-C-1-528041-5 Datasheet
140Kb / 3P
DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
C-528041-3 TEC-C-528041-3 Datasheet
201Kb / 3P
DIE SET IPT-VW WIRE CRIMP 25 SQMM
logo
PHOENIX CONTACT
1209952 PHOENIX-1209952 Datasheet
48Kb / 3P
Tool set - ASD BIT SET HN
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
2297992 PHOENIX-2297992 Datasheet
61Kb / 3P
Configuration package - MM-CONF-SET
09/12/2020
2905605 PHOENIX-2905605 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/6.3A/T-10PCS
09/12/2020
2907190 PHOENIX-2907190 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/5A/T-10PCS
09/12/2020
logo
KISTLER INSTRUMENT CORP...
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
logo
FIBOX Enclosing innovat...
6300004 FIBOX-6300004 Datasheet
60Kb / 1P
Grey screw set, High cover (25-100 mm)
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com