| Electronic Components Datasheet Search |
|
15000 Datasheet(PDF) 21 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
15000 Datasheet(HTML) 21 Page - Wiha Tools |
|
21 / 44 page ![]() 21 Wiha Insulated SlimLine Screwdrivers Insulated Slotted SlimLine Screwdrivers Insulation According to ASTM F-1505-01, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E & CSA, up to 1000 Volt. Individually Tested to 10,000Volts. High quality CV steel, through hardened. SlimLine blades have up to 33% narrower insulation diameter then standard insulated tools. Wiha-SoftFinish® handle, multi-component, cushion grip. Item Slim No. mm Inch Inch Dia. mm mm lbs. Pkg. 3.5 .139 9/64 3.5 100 204 .07 1 4.0 .157 5/32 4.0 100 211 .12 1 4.5 .177 3/16 4.5 125 211 .14 1 5.5 .216 7/32 5.5 125 243 .21 1 6.5 .255 1/4 6.5 150 268 .25 1 Insulated Phillips SlimLine Screwdrivers Insulation According to ASTM F-1505-01, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E & CSA, up to 1000 Volt. Individually Tested to 10,000Volts. High quality CV steel, through hardened. SlimLine blades have up to 33% narrower insulation diameter then standard insulated tools. Wiha-SoftFinish® handle, multi-component, cushion grip. Item Slim No. Size Dia. mm mm lbs. Pkg. 1 4.5 80 204 .12 1 2 6.0 100 211 .21 1 Insulated Xeno SlimLine Screwdrivers For Terminal Screws Insulation According to ASTM F-1505-01, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E & CSA, up to 1000 Volt. Individually Tested to 10,000Volts. High quality CV steel, through hardened. SlimLine blades have up to 33% narrower insulation diameter then standard insulated tools. Wiha-SoftFinish® handle, multi-component, cushion grip. Item Slim No. Size Dia. mm mm lbs. Pkg. 1 4.5 80 191 .12 1 2 6.0 100 218 .21 1 Insulated Square SlimLine Screwdrivers Insulation According to ASTM F-1505-01, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E & CSA, up to 1000 Volt. Individually Tested to 10,000Volts. High quality CV steel, through hardened. SlimLine blades have up to 33% narrower insulation diameter then standard insulated tools. Wiha-SoftFinish® handle, multi-component, cushion grip. Item Slim No. Size Dia. mm mm lbs. Pkg. 1 4.0 100 218 .12 1 2 4.5 125 243 .19 1 1.4” 1.4” 1.4” 1.4” Insulation Test Standards: Insulation according to EN/IEC 60900, ASTM F-1505-01, VDE 0682/part 201, DIN 7437, NFPA70E & CSA specification Ideal for jobs where access is limited Integrated Slim Insulation molded directly onto blade Wiha Slim TECHNOLOGY Achieves blade diameters up to 33% narrower utilizing integrated insulation 1000Volt Rated 10,000 Volt Tested 320 32046 32049 32052 32055 32058 321 32145 32146 307 30746 30747 358 35844 35845 www.wihatools.com SHOP SHOP SHOP SHOP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |