Electronic Components Datasheet Search
  English  ▼

X  

36071 Datasheet(PDF) 27 Page - Wiha Tools

Part # 36071
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36071 Datasheet(HTML) 27 Page - Wiha Tools

Back Button 36071 Datasheet HTML 23Page - Wiha Tools 36071 Datasheet HTML 24Page - Wiha Tools 36071 Datasheet HTML 25Page - Wiha Tools 36071 Datasheet HTML 26Page - Wiha Tools 36071 Datasheet HTML 27Page - Wiha Tools 36071 Datasheet HTML 28Page - Wiha Tools 36071 Datasheet HTML 29Page - Wiha Tools 36071 Datasheet HTML 30Page - Wiha Tools 36071 Datasheet HTML 31Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
2820 00
SYSTEM 6 Topra 2K pistol ratchet.
For all SYSTEM 6 reversible blades.
Blade:
Complete range of all SYSTEM 6 reversible blades can be used.
Ball latch for a secure hold of all reversible blades.
Handle:
Ergonomic pistol handle for high torques.
Axial power transmission without breakdown torque.
Maximum transmission of force due to soft and hard zones which are adapted
manually.
Finely serrated ratchet with 72 teeth enables 5° switching angle: guarantees
precise work when things get tight.
Low range of motion for quick work, e.g. in 2-finger access.
Turbo wheel for extremely fast turning of metal screws and bolts.
Application:
Fast and powerful fastening even of larger screws, e.g. M8 and M10.
Thus, any screw up to M10 can be moved using SYSTEM 6 reversible blades.
Ord.No.
38914
5
6,0
107
121
All prices are quoted net/pc.
Page 27 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com