Electronic Components Datasheet Search
  English  ▼

X  

39255 Datasheet(PDF) 10 Page - Wiha Tools

Part # 39255
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

39255 Datasheet(HTML) 10 Page - Wiha Tools

Back Button 39255 Datasheet HTML 6Page - Wiha Tools 39255 Datasheet HTML 7Page - Wiha Tools 39255 Datasheet HTML 8Page - Wiha Tools 39255 Datasheet HTML 9Page - Wiha Tools 39255 Datasheet HTML 10Page - Wiha Tools 39255 Datasheet HTML 11Page - Wiha Tools 39255 Datasheet HTML 12Page - Wiha Tools 39255 Datasheet HTML 13Page - Wiha Tools 39255 Datasheet HTML 14Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
28372
TorqueVario®-S TR VDE torque tool.
For individually tested VDE torque blades of the 28379 series.
Handle:
Ergonomic pistol handle for high torques.
Axial power transmission without breakdown torque.
Maximum transmission of force due to soft and hard zones which are adapted
manually.
Finely serrated ratchet with 72 teeth enables 5° switching angle: guarantees
precise work when things get tight.
Low range of motion for quick work, e.g. in 2-finger access.
Torque can be conveniently set via a setting tool integrated in the handle.
Audible and perceptible click when the pre-set torque has been attained.
Non-magnetic blade locking.
Compatible with all VDE torque blades of the 28379 series.
Standards:
EN ISO 6798, BS EN 26789, ASME B107.14M.
Accuracy:
±6%, traceable to national standards.
Application:
For applications where recommended torque settings are important.
Loosening torque approx. +30% over torque.
Extra:
Delivered in practical plastic box.
Incl. works inspection protocol.
Ord.No.
39370
1
3-12
6%
6
110
125
All prices are quoted net/pc.
Page 10 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com