Electronic Components Datasheet Search
  English  ▼

X  

76050 Datasheet(PDF) 1 Page - Wiha Tools

Part # 76050
Description  MicroFinish Non-Slip Grip Slotted Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76050 Datasheet(HTML) 1 Page - Wiha Tools

  76050 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
www.wihatools.com • USA | www.wihatools.ca • CANADA
MicroFinish Non-Slip Grip Slotted Drivers
Item No. Description
Case Pack
52020
5.5 x 125mm
10
MicroFinish 1/4” Bit Holding Screwdriver
Item No. Description
Case Pack
52650
1/4” x 125mm
10
MicroFinish Non-Slip Grip TORX® Screwdrivers
Item No. Description
Case Pack
52713
T10 x 80mm
10
52716
T15 x 80mm
10
52719
T20 x 100mm
10
SoftFinish Cushion Grip Slotted Screwdrivers
Item No. Description
Case Pack
53001
3.5x75mm (Clamshell)
3
53002
4.5x90mm (Clamshell)
3
53003
5.5x100mm (Clamshell)
3
53004
6.5x125mm (Clamshell)
3
53005
8.0x150mm (Clamshell)
3
53006
10.0x175mm (Clamshell)
3
53007
12.0x200mm (Clamshell)
3
With Hex Bolster
Solid Metal Cap
In Clamshell
SoftFinish Cushion Grip Slotted Screwdrivers
Item No. Description
Case Pack
53010
3.5 x 75mm
10
53015
4.5 x 90mm
10
53020
5.5 x 100mm
10
53025
6.5 x 125mm
10
53027
8.0 x 150mm
10
53035
10.0 x 175mm
10
53040
12.0 x 200mm
10
With Hex Bolster
Solid Metal Cap
5 Pc. Slotted/Phillips Cushion Grip Driver Set
Item No. Description
Case Pack
53075
SoftFinish Driver Set
3
Slotted: 4.5, 5.5, 6.5mm Phillips: #1, 2
5 Pc. Slotted/Phillips Cushion Grip Driver Set
Item No. Description
Case Pack
53090
SoftFinish Driver Set
3
Slotted: 5.5, 6.5, 8.0mm & Phillips: #1, 2
6 Pc. Slotted/Phillips Cushion Grip Driver Set
Item No. Description
Case Pack
53096
SoftFinish Driver Set
3
Slotted: 3.5, 4.5, 5.5, 6.5mm & Phillips: #1, 2
7 Pc. Slotted/Phillips Cushion Grip Driver Set
Item No. Description
Case Pack
53097
SoftFinish Driver Set
1
Slotted: 5.5, 6.5, 8.0, 10.0mm & Phillips: #1, 2, 3
10 Pc. Slotted/Phillips Cushion Grip Driver Set
Item No. Description
Case Pack
53099
SoftFinish Driver Set
1
Slotted: 3.5, 4.5, 5.5, 6.5, 8.0, 10.0, 12.0mm
Phillips: #1, 2, 3
SoftFinish Cushion Grip Phillips Screwdrivers
Item No. Description
Case Pack
53110
1 x 80mm
10
53115
2 x 100mm
10
53120
3 x 150mm
10
With Hex Bolster
Solid Metal Cap
MicroFinish Non-Slip Grip Slotted Drivers
Item No. Description
Case Pack
53310
4.5 x 90mm
10
53315
5.5 x 100mm
10
53320
6.5 x 125mm
10
53325
8.0 x 150mm
10
53330
10.0 x 175mm
10
With Hex Bolster
Solid Metal Cap
5 Pc. Slotted/Phillips MicroFinish Driver Set
Item No. Description
Case Pack
53390
Non-Slip Grip Driver Set
3
Slotted: 5.5, 6.5, 8.0mm
Phillips: #1, 2
10 Pc. SoftFinish® Heavy Duty Tray Set
Item No. Description
Case Pack
53180
Extra Heavy Duty Screwdrivers
1
Slotted: 3.5, 4.5, 5.5, 6.5, 8.0, 10.0, 12.0mm
Phillips: #1, 2, 3
Medium - 15.5” x 11” x 1.25”
8 Pc. Slotted/Phillips MicroFinish Driver Set
Item No. Description
Case Pack
53398
Non-Slip Grip Driver Set
1
Slotted: 4.5, 5.5, 6.5, 8.0, 10.0mm
Phillips: #1, 2, 3
MicroFinish Non-Slip Grip Phillips Drivers
Item No. Description
Case Pack
53405
1 x 80mm
10
53410
2 x 100mm
10
53425
3 x 150mm
10
With Hex Bolster
Solid Metal Cap
CentroFix Blade Holding Screwdriver
Item No. Description
Case Pack
76000
6.0mm x 149mm
3
Security Hex Metric Power Blade 90mm
Item No. Description
Case Pack
76001
2.5 x 90mm
3
76002
3.0 x 90mm
3
76003
4.0 x 90mm
3
76004
5.0 x 90mm
3
Security TORX Power Blade 90mm
Item No. Description
Case Pack
76008
T8s x 90mm
3
76009
T9s x 90mm
3
76010
T10s x 90mm
3
76015
T15s x 90mm
3
76020
T20s x 90mm
3
76025
T25s x 90mm
3
76027
T27s x 90mm
3
76030
T30s x 90mm
3
76040
T40s x 90mm
3
Hex Inch Power Blade 90mm
Item No. Description
Case Pack
76045
1/16 x 90mm
3
76005
5/64 x 90mm
3
76006
3/32 x 90mm
3
76007
7/64 x 90mm
3
76014
1/8 x 90mm
3
76016
9/64 x 90mm
3
76017
5/32 x 90mm
3
76018
3/16 x 90mm
3
76019
7/32 x 90mm
3
76021
1/4 x 90mm
3
Pozidriv® Power Blade 90mm
Item No. Description
Case Pack
76011
1 x 90mm
3
76012
2 x 90mm
3
76013
3 x 90mm
3
Slotted Power Blade 90mm
Item No. Description
Case Pack
76035
2.5 x 90mm
3
76036
3.0 x 90mm
3
76037
4.5 x 90mm
3
76038
5.5 x 90mm
3
76039
6.0 x 90mm
3
SoftFinish Cushion Grip Phillips Screwdrivers
Item No. Description
Case Pack
53131
1 x 80mm
3
53132
2 x 100mm
3
53133
3 x 150mm
3
With Hex Bolster
Solid Metal Cap
In Clamshell
Phillips Power Blade 90mm
Item No. Description
Case Pack
76041
0 x 90mm
3
76042
1 x 90mm
3
76043
2 x 90mm
3
76044
3 x 90mm
3
Security Hex Inch Power Blade 90mm
Item No. Description
Case Pack
76045
1/16 x 90mm (hex)
3
76046
5/64 x 90mm
3
76047
3/32 x 90mm
3
76048
7/64 x 90mm
3
76049
1/8 x 90mm
3
76050
9/64 x 90mm
3
76051
5/32 x 90mm
3
76052
3/16 x 90mm
3
76053
7/32 x 90mm
3
76054
1/4 x 90mm
3


Similar Part No. - 76050

ManufacturerPart #DatasheetDescription
logo
ITT Industries
760501000 ITT-760501000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
760502263 ITT-760502263 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
760503000 ITT-760503000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results

Similar Description - 76050

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-PH-2-100 PHOENIX-SF-PH-2-100 Datasheet
49Kb / 3P
Screwdriver, PH crosshead (lasered), uninsulated, size: PH 2 x 100, 2-component grip, with non-slip grip
SF-PZ-1-80 PHOENIX-SF-PZ-1-80 Datasheet
53Kb / 2P
Screwdriver, PZ crosshead (lasered), uninsulated, size: PZ 1 x 80, 2-component grip, with non-slip grip
SF-PZ-2-100 PHOENIX-SF-PZ-2-100 Datasheet
49Kb / 3P
Screwdriver, PZ crosshead (lasered), uninsulated, size: PZ 2 x 150, 2-component grip, with non-slip grip
SF-PZSL-1-80-VDE PHOENIX-SF-PZSL-1-80-VDE Datasheet
49Kb / 3P
Screwdriver, plus/minus PZ/slotted, VDE-insulated, size: PZ 1 x 80, 2-component grip, with non-slip grip
SZK-PH0 PHOENIX-SZK-PH0 Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 0 x 80 mm, 2-component grip, with non-slip grip
SZK-PH1-VDE PHOENIX-SZK-PH1-VDE Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 1 x 80 mm, 2-component grip, with non-slip grip
SZK-PH2-VDE PHOENIX-SZK-PH2-VDE Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 2 x 100 mm, 2-component grip, with non-slip grip
SZK-PH3-VDE PHOENIX-SZK-PH3-VDE Datasheet
51Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 3 x 150 mm, 2-component grip, with non-slip grip
SZK-PZ-0 PHOENIX-SZK-PZ-0 Datasheet
60Kb / 3P
Screwdriver, PZ crosshead, VDE insulated, size: PZ 0 x 80 mm, 2-component grip, with non-slip grip
SZK-PZ-1 PHOENIX-SZK-PZ-1 Datasheet
60Kb / 3P
Screwdriver, PZ crosshead, VDE insulated, size: PZ 1 x 80 mm, 2-component grip, with non-slip grip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com