Electronic Components Datasheet Search
  English  ▼

X  

LT8312 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8312 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8312 Datasheet HTML 5Page - Analog Devices LT8312 Datasheet HTML 6Page - Analog Devices LT8312 Datasheet HTML 7Page - Analog Devices LT8312 Datasheet HTML 8Page - Analog Devices LT8312 Datasheet HTML 9Page - Analog Devices LT8312 Datasheet HTML 10Page - Analog Devices LT8312 Datasheet HTML 11Page - Analog Devices LT8312 Datasheet HTML 12Page - Analog Devices LT8312 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LT8312
9
8312fa
For more information www.linear.com/LT8312
operaTion
and the energy in the parasitic capacitance on the switch
node transfers to the input capacitor. This is a second-
order network composed of the parasitic capacitance on
the switch node and the main inductor. The minimum
voltage of the switch node during this discontinuous
ring is 2VIN-VOUT. The LT8312 turns the switch back on
at this time, during the discontinuous switch waveform,
by sensing when the slope of the switch waveform goes
from negative to positive using the dv/dt detector. This
switching technique may increase efficiency by 5%.
At low current limits, the frequency of critical conduc-
tion mode can become very high. The LT8312 features a
maximum frequency clamp of 400kHz. The part operates
in discontinuous conduction mode when the natural criti-
cal conduction mode frequency is higher than 400kHz.
Sense Resistor Selection
The resistor, RSENSE, between the source of the external
N-channelMOSFETandGNDshouldbeselectedtoprovide
an adequate switch current to drive the application without
exceeding the current limit threshold.
Minimum Current Limit
The LT8312 features a minimum current limit of approxi-
mately 3% of the peak current limit. This helps improve
the harmonic distortion during the input supplies off-line
crossover period.
Universal Input
The LT8312 operates over the universal input voltage
range of 90V AC to 265V AC.
Loop Compensation
The feedback loop is a traditional gm error amplifier. The
loop crossover frequency is set much lower than twice
the line frequency for PFC to work properly. In a typical
application, the compensation capacitor is 1µF.
MOSFET and Diode Selection
With a strong 1.9A gate driver, the LT8312 can effectively
drive most high voltage MOSFETs. A low QG MOSFET is
recommendedtomaximizeefficiency.Inmostapplications,
the RDS(ON) should be chosen to limit the temperature rise
of the MOSFET. The drain of the MOSFET is stressed to
VOUT during the time the MOSFET is off and the diode is
conducting current.
The diode is stressed to VOUT when the switch is on. The
average current through the diode is equal to the load
current.
Discontinuous Mode Detection
The discontinuous mode detector uses AC-coupling to
detect the ringing on the auxiliary winding. A 22pF ca-
pacitor with a 30k resistor in series is recommended in
most designs.
Power Factor Correction/Harmonic Content
The LT8312 attains high power factor and low harmonic
content by making the peak current of the main power
switchproportionaltothelinevoltagebyusingandinternal
multiplier. A power factor of >0.97 is easily attainable for
most applications by following the design equations in
this data sheet. With proper design, LT8312 applications
can easily meet most harmonic standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com