Electronic Components Datasheet Search
  English  ▼

X  

LT8312MPMS#PBF Datasheet(PDF) 3 Page - Analog Devices

Part # LT8312MPMS#PBF
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8312MPMS#PBF Datasheet(HTML) 3 Page - Analog Devices

  LT8312MPMS#PBF Datasheet HTML 1Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 2Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 3Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 4Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 5Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 6Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 7Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 8Page - Analog Devices LT8312MPMS#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT8312
3
8312fa
For more information www.linear.com/LT8312
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
10
38
V
Quiescent Current
VEN/UVLO = 0.2V
Not Switching
45
60
70
70
µA
µA
VIN Quiescent Current, INTVCC Overdriven
VINTVCC = 11V
60
µA
VIN Shunt Regulator Voltage
I = 1mA
40
V
VIN Shunt Regulator Current Limit
8
mA
INTVCC Quiescent Current
VEN/UVLO = 0.2V
VEN/UVLO = 1.5V, Not Switching
12.5
1.8
15.5
2.2
17.5
2.7
µA
mA
EN/UVLO Pin Threshold
EN/UVLO Pin Voltage Rising
l
1.21
1.25
1.29
V
EN/UVLO Pin Hysteresis Current
EN/UVLO = 1V
8
10
12
μA
VREF Voltage
0µA Load
200µA Load
l
l
1.97
1.95
2.0
1.98
2.03
2.03
V
V
SENSE Current Limit Threshold
96
102
107
mV
Minimum SENSE Current Limit
3
mV
SENSE Input Bias Current
Current Out of Pin
15
µA
Current Sense Blanking Time
90
130
170
ns
FB Voltage
l
1.22
1.25
1.28
V
FB Voltage Line Regulation
10V < VIN < 35V
0.01
0.03
%/V
FB Pin Bias Current
(Note 3), FB = 1.25V, OVP = 1.35V
100
600
nA
FB Error Amplifier Voltage Gain
ΔVVC/ΔVFB
180
V/V
FB Error Amplifier Transconductance
ΔI = 5µA
170
µmhos
FB Low Detection Voltage
0.1
V
DCM Current Turn-On Threshold
Current Out of Pin
80
µA
Maximum Oscillator Frequency
400
kHz
Linear Regulator
INTVCC Regulation Voltage
9.8
10
10.4
V
Dropout (VIN-INTVCC)
IINTVCC = –10mA, VIN = 10V
500
900
mV
Current Limit
INTVCC < 9.5V
INTVCC > 9.5V
12
80
25
120
mA
mA
Gate Driver
tr GATE Driver Output Rise Time
CL = 3300pF
18
ns
tf GATE Driver Output Fall Time
CL = 3300pF
18
ns
GATE Output Low (VOL)
0.01
V
GATE Output High (VOH)
INTVCC –
50mV
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8312E is guaranteed to meet specified performance from
0°C to 125°C junction temperature. Specification over the –40°C and
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8312I is guaranteed to meet specified performance from –40°C to
125°C operating junction temperature range. The LT8312H is guaranteed
to meet performance specifications over the –40°C to 150°C operating
junction temperature range. The LT8312MP is guaranteed to meet
performance specifications over the –55°C to 150°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated for junction temperatures greater
than 125°C.
Note 3: Current flows out of the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com