Electronic Components Datasheet Search
  English  ▼

X  

00102034 Datasheet(PDF) 1 Page - Lapp.

Part # 00102034
Description  ÖLFLEX® CLASSIC 100 300/500 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

00102034 Datasheet(HTML) 1 Page - Lapp.

  00102034 Datasheet HTML 1Page - Lapp. 00102034 Datasheet HTML 2Page - Lapp. 00102034 Datasheet HTML 3Page - Lapp. 00102034 Datasheet HTML 4Page - Lapp. 00102034 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 100 300/500 V
Colour-coded PVC control cable
ÖLFLEX® CLASSIC 100 - flexible PVC cable, colour coded. Control cable for various applications, 300/500V, also for YSLY or YY
Info
CPR: Article number choice under www.lappkabel.com/cpr
For nominal voltage U0/U: 450/750V or higher conductor cross-sections see ÖLFLEX® CLASSIC 100 450/750V
Good chemical resistance
Torsion-resistant
Benefits
Space-saving installation due to small cable diameters
High electrical performance due to 4 kV test voltage
HIgh flexibility due to short-twisted conductor layers
Application range
Plant engineering
Industrial machinery
Heating and air-conditioning systems
Power stations
Dry or damp rooms that are subject to medium mechanical loads
For fixed installation as well as occasional flexing at free, non-continuously recurring movement without tensile load
Suitable for torsional applications which are typical for the loop in wind turbine generators (WTG)
High-quality alternative to control cable types YSLY or YY
Product features
Flame-retardant according IEC 60332-1-2
Good chemical resistance, see catalogue appendix T1
Last Update (15.07.2025)
1 / 5
©2025 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 00102034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
00102 ETC1-00102 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
More results

Similar Description - 00102034

ManufacturerPart #DatasheetDescription
logo
Lapp.
00100004 LAPP-00100004 Datasheet
84Kb / 1P
OLFEX CLASSIC 100 300/500V
24.02.2022
0010086 LAPP-0010086 Datasheet
79Kb / 1P
OLFLEX® CLASSIC 100 450/750V
24.02.2022
0035000 LAPP-0035000 Datasheet
67Kb / 1P
OLFLEX® CLASSIC 100 CY 450/750 V
21.06.2023
0035001 LAPP-0035001 Datasheet
66Kb / 1P
OLFLEX® CLASSIC 100 CY 300/500 V
21.06.2023
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com