Electronic Components Datasheet Search
  English  ▼

X  

PIMC32PA Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PIMC32PA
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor;
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PA Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PIMC32PA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
PIMC32PA
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
aaa-037258
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0
0.01
0.02
0.75
0.50
0.33
0.20
0.10
0.05
FR4 PCB, single-sided, 35μm copper, tin-plated, mounting pad for collector 1 cm2.
Fig. 3. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
aaa-037259
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0
0.01
0.02
0.75
0.50
0.33
0.20
0.10
0.05
FR4 PCB, 4-layer copper, tin-plated and standard footprint.
Fig. 4. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
PIMC32PA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com