Electronic Components Datasheet Search
  English  ▼

X  

PIMN31PA Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PIMN31PA
Description  50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMN31PA Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PIMN31PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
PIMN31PA
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
11. Test information
Resistor calculation
• Calculation of bias resistor 1 (R1):
• Calculation of bias resistor ratio (R2/R1):
R1
R2
GND
I1; I2
n.c.
I3; I4
aaa-020082
Fig. 13. NPN transistor: Resistor test circuit
Resistor test conditions
Table 8. Resistor test conditions
Test conditions
PIMN31PA
R1 (kΩ)
R2 (kΩ)
I1
I2
I3
I4
TR1/TR2 (NPN)
1
10
0.7 mA
0.8 mA
-0.45 mA
-0.55 mA
PIMN31PA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com