Electronic Components Datasheet Search
  English  ▼

X  

PIMP31PA Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PIMP31PA
Description  50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMP31PA Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PIMP31PA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMP31PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PIMP31PA
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor;
R1 = 1 kΩ, R2 = 10 kΩ
31 August 2023
Product data sheet
1. General description
PNP/PNP Resistor-Equipped double Transistor (RET) in a medium power SOT1118 (DFN2020-6)
leadless Surface-Mounted Device (SMD) plastic package.
NPN/NPN complement: PIMN31PA
NPN/PNP complement: PIMC31PA
2. Features and benefits
• 500 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
3. Applications
• Digital applications
• Cost-saving alternative to BC807 series in digital applications
• Control of IC inputs
• Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
-50
V
IO
output current
-
-
-500
mA
R1
bias resistor 1 (input)
[1]
0.7
1
1.3
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
9
10
11
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PIMP31PA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PIMP31PAS-Q NEXPERIA-PIMP31PAS-Q Datasheet
273Kb / 14P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
1 September 2023
PIMP31PAS-QX NEXPERIA-PIMP31PAS-QX Datasheet
273Kb / 14P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
1 September 2023
More results

Similar Description - PIMP31PA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMB9 NEXPERIA-PUMB9 Datasheet
237Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
4 January 2023
PDTB113ET NEXPERIA-PDTB113ET Datasheet
239Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 3 - 14 September 2010
PDTB113ZT NEXPERIA-PDTB113ZT Datasheet
206Kb / 8P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
15 January 2021
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTB123YT NEXPERIA-PDTB123YT Datasheet
240Kb / 9P
50 V, 500 mA PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
1 January 2023
PIMP31-Q NEXPERIA-PIMP31-Q Datasheet
270Kb / 12P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ
16 February 2022
PIMP32-Q NEXPERIA-PIMP32-Q Datasheet
267Kb / 12P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMP31 NEXPERIA-PIMP31 Datasheet
268Kb / 11P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ
16 February 2022
PIMP32 NEXPERIA-PIMP32 Datasheet
265Kb / 11P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PUMB11 NEXPERIA-PUMB11 Datasheet
794Kb / 11P
PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com