Electronic Components Datasheet Search
  English  ▼

X  

201804 Datasheet(PDF) 1 Page - Lapp.

Part # 201804
Description  ÖLFLEX® TRAY VTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

201804 Datasheet(HTML) 1 Page - Lapp.

  201804 Datasheet HTML 1Page - Lapp. 201804 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
58
ÖLFLEX®
Tray-Rated Cable
Application Advantage
Construction
Recommended Applications
Approvals
If not otherwise specified, all values relating to the product are nominal values. Photographs are not to scale and are not true representations of the products in question.
VNTC® is a registered trademark of General Cable. For current information go to our website.
Technical Data
Minimum Bend Radius:
- for installation:
4 x cable diameter
Temperature Range:
- UL TC/c(UL) CIC:
-25°C to +90°C
- for stationary use:
-40°C to +105°C
- for flexible use:
-5°C to +90°C
Nominal Voltage:
- UL TC:
600V
- UL WTTC:
1000V
- UL AWM/cRU AWM:
1000V
Test Voltage:
2000V
Conductor Stranding:
Class B stranded wire
Color Code:
Black with white numbers and color
per ICEA-NEMA (K-2): Chart 10,
page 675,
plus green/yellow ground
Approvals:
UL: TC-ER per UL 1277
WTTC per UL 2277
AWM 20886
Attributes: UL Oil Res I
90°C Wet; 90°C Dry
Sunlight Resistant
Direct Burial
NFPA 79
NEC: Class 1 Division 2 per NEC Article 501
Canada: c(UL) CIC FT4
cRU AWM I/II A/B FT4
Additional: CE & RoHS
Complete the Installation
SKINTOP®
Strain Relief
page 488
EPIC®
Connectors
page 280
Cable Attributes
page 640
OIL
OR-02
FLAME
FR-03
MOTION
FL-01
MECH.
MP-03
Plant expansion; contractor markets; A&E firm plant designs; tray wiring;
anywhere VNTC® cables are used
• Easier to pull than standard tray cable
• PVC insulation provides greater flexibility over PVC/nylon
• UL TC-ER approval reduces material costs; no conduit is
needed
• Black numbered conductors with printed color code for
easy identification
• UV-resistant and direct burial
• UL wet rating 90°C
ÖLFLEX® TRAY VTC is a multi-conductor cable approved for use in cable trays.
It is UL TC-ER & CSA CIC, making it perfect for new plant installations and
factory expansions. Premium PVC insulation provides greater flexibility over
PVC/nylon without sacrificing cable size.
Conductors: Finely stranded bare copper
Insulation: Specially formulated PVC
Jacket: Specially formulated PVC; black
LAPP KABEL
ÖLFLEX® TRAY VTC
Flexible Tray Cable with TC-ER for Easier Installations
ÖLFLEX® TRAY VTC


Similar Part No. - 201804

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2018002-1 TEC-2018002-1 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-2 TEC-2018002-2 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-3 TEC-2018002-3 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-4 TEC-2018002-4 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-5 TEC-2018002-5 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
More results

Similar Description - 201804

ManufacturerPart #DatasheetDescription
logo
Lapp.
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
UDB201803 LAPP-UDB201803 Datasheet
130Kb / 2P
ÖLFLEX® TRAY VTC & VTCS
May 10, 2022
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com