Electronic Components Datasheet Search
  English  ▼

X  

PIMP32PA Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PIMP32PA
Description  50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMP32PA Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PIMP32PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMP32PA Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
PIMP32PA
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
aaa-020335
IC (mA)
10-1
-103
-10
-102
-1
-1
-10
VI(on)
(V)
-10-1
(1)
(2)
(3)
VCE = -0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 8. On-state input voltage as a function of collector
current; typical values
aaa-020333
IC (mA)
-10-1
-10
-1
-10
VI(off)
(V)
-10-1
-1
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 9. Off-state input voltage as a function of collector
current; typical values
aaa-020334
-10-1
VCEsat
(V)
-10-2
IC (mA)
-1
-103
-102
-10
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig. 10. Collector-emitter saturation voltage as a
function of collector current; typical values
VCB (V)
-0
-50
-40
-20
-30
-10
aaa-020336
30
Cc
(pF)
0
6
12
18
24
f = 1 MHz
Tamb = 25 °C
Fig. 11. Collector capacitance as a function of collector-
base voltage; typical values
PIMP32PA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
8 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com