Electronic Components Datasheet Search
  English  ▼

X  

C5E201C Datasheet(PDF) 5 Page - Lapp.

Part # C5E201C
Description  Ethernet Cable, Connectors & Tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

C5E201C Datasheet(HTML) 5 Page - Lapp.

  C5E201C Datasheet HTML 1Page - Lapp. C5E201C Datasheet HTML 2Page - Lapp. C5E201C Datasheet HTML 3Page - Lapp. C5E201C Datasheet HTML 4Page - Lapp. C5E201C Datasheet HTML 5Page - Lapp. C5E201C Datasheet HTML 6Page - Lapp. C5E201C Datasheet HTML 7Page - Lapp. C5E201C Datasheet HTML 8Page - Lapp. C5E201C Datasheet HTML 9Page - Lapp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
384
EPIC®
Rectangular Connector Housings
HB Series
all dimensions are in mm.
all dimensions are in mm.
Technical Data
Specifications:
DIN 43652
Temperature Range:
-40°C to + 125°C
Protection Class:
NEMA 4, NEMA 12, IP65
Material:
Powder-coated aluminum alloy
Technical Data
Specifications:
DIN 43652
Temperature Range:
-40°C to + 125°C
Protection Class:
NEMA 4, NEMA 12, IP65
Material:
Powder-coated aluminum alloy
Complete the Installation
HB Dust Covers
page 419
Complete the Installation
HB Dust Covers
page 419
Approvals
Approvals
Photographs are not to scale and are not true representations of the products in question.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
EPIC® HB 16 High Profile Hoods
Double Lever Bolts
EPIC® HB 16 Standard Hoods
Double Lever Bolts
Size of Entry
Part Number
Complete the Installation: SKINTOP® Strain Relief
PG
NPT
Metric
PG
NPT
Metric*
PG Plastic
PG Metal
Metric Plastic
Metric Metal
Top Entry
21
¾”
25
701002
701002NP
79100200
53015050
52015750
53111030
53112030
—
—
25x2
—
—
44422018
—
—
53111030
53112030
29
1”
32
701004R
701004NP
79100400
53015060
52015760
53111040
53112040
—
—
32x2
—
—
79128600
—
—
53111040
53112040
—
—
40
—
—
79100800
—
—
53111050
53112050
Side Entry
21
¾”
25
701022
701022NP
79102200
53015050
52015750
53111030
53112030
29
1”
32
701024
701024NP
79102400
53015060
52015760
53111040
53112040
—
—
40
—
—
79102800
—
—
53111050
53112050
Size of Entry
Part Number
Complete the Installation: SKINTOP® Strain Relief
PG
NPT
Metric
PG
NPT
Metric
PG Plastic
PG Metal
Metric Plastic
Metric Metal
Top Entry
21
¾”
25
100800
100800NP 19080000* 53015050
52015750
53111030
53112030
—
—
25x2
—
—
19080500
—
—
53111030
53112030
29
1”
32
100900
100900NP 19090000* 53015060
52015760
53111040
53112040
Side Entry
21
¾”
25
100820
100820NP 19082000
53015050
52015750
53111030
53112030
29
1”
32
100920
100920NP 19092000
53015060
52015760
53111040
53112040
* Metric top-entry hoods do not come with a neck.
* Metric hoods do not come with a neck.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com