Electronic Components Datasheet Search
  English  ▼

X  

100720C0 Datasheet(PDF) 6 Page - Lapp.

Part # 100720C0
Description  Ethernet Cable, Connectors & Tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

100720C0 Datasheet(HTML) 6 Page - Lapp.

Back Button 100720C0 Datasheet HTML 2Page - Lapp. 100720C0 Datasheet HTML 3Page - Lapp. 100720C0 Datasheet HTML 4Page - Lapp. 100720C0 Datasheet HTML 5Page - Lapp. 100720C0 Datasheet HTML 6Page - Lapp. 100720C0 Datasheet HTML 7Page - Lapp. 100720C0 Datasheet HTML 8Page - Lapp. 100720C0 Datasheet HTML 9Page - Lapp. 100720C0 Datasheet HTML 10Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
385
EPIC®
Rectangular Connector Housings
HB Series
all dimensions are in mm.
all dimensions are in mm.
Technical Data
Specifications:
DIN 43652
Temperature Range:
-40°C to + 125°C
Protection Class:
NEMA 4, NEMA 12, IP65
Material:
Powder-coated aluminum alloy
Technical Data
Specifications:
DIN 43652
Temperature Range:
-40°C to + 125°C
Protection Class:
NEMA 4, NEMA 12, IP65
Material:
Powder-coated aluminum alloy
Approvals
Approvals
Complete the Installation
HB Dust Covers
page 419
Complete the Installation
HB Dust Covers
page 419
Photographs are not to scale and are not true representations of the products in question.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
EPIC® HB 16 Panel Mount Bases
Double Levers
EPIC® HB 16 Surface Mount Bases
Double Levers
Size of Entry
Part Number
Complete the Installation: SKINTOP® Strain Relief
PG
NPT
Metric
PG
NPT
Metric
PG Plastic
PG Metal
Metric Plastic
Metric Metal
2 Entries
21
¾”
25
100750
100750NP
19075000
53015050
52015750
53111030
53112030
1 Entry
21
¾”
25
100740
100740NP
19074000
53015050
52015750
53111040
53112030
Description
Part Number
Panel Mount Base
100720C0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com