Electronic Components Datasheet Search
  English  ▼

X  

700146 Datasheet(PDF) 2 Page - Lapp.

Part # 700146
Description  20A Pin & Sleeve Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

700146 Datasheet(HTML) 2 Page - Lapp.

  700146 Datasheet HTML 1Page - Lapp. 700146 Datasheet HTML 2Page - Lapp. 700146 Datasheet HTML 3Page - Lapp. 700146 Datasheet HTML 4Page - Lapp. 700146 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
458
EPIC®
Pin & Sleeve Connectors
Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors.
Dimensional drawings can be found on the indicated pages and are the same for North American and international standards.
Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing.
IP44
IP67
30A Pin & Sleeve Connectors
North American Standard
Male Plugs & Inlets
Dimensional Data
Plugs: page 467
Inlets: page 468
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
30A
Male Plugs
Male Inlets
125
3
1+N+PE
4
477206FX
700224FX
476206FX
250
3
2+PE
6
477306FX
700226FX
476306FX
3Ø 250
4
3+PE
9
477316FX
700239FX
476316FX
3Ø 480
4
3+PE
7
477516FX
700237FX
476516FX
3Ø Y 120/208
5
3+N+PE
9
477326FX
700249FX
476326FX
Female Connectors
& Receptacles
Dimensional Data
Connectors: page 468
Receptacles: page 469
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
IP44
IP44
30A
Female Connectors
Female Receptacles
125
3
1+N+PE
4
473206FX
720224FX
471267FX
433211FX
471266FX
250
3
2+PE
6
473306FX
720226FX
471367FX
433222FX
471366FX
3Ø 250
4
3+PE
9
473316FX
720239FX
471377FX
443222FX
471376FX
3Ø 480
4
3+PE
7
473516FX
720237FX
471577FX
443250FX
471576FX
3Ø Y 120/208
5
3+N+PE
9
473326FX
720249FX
471387FX
453222FX
471386FX
Switched-Socket Outlets
Dimensional Data
page 470
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
with Fuse Holder
IP66/67
Direct Connect
IP67
30A
EPIC® ULYSSE
EPIC® ALUPRES
125
3
1+N+PE
4
400224FX
460224FX
250
3
2+PE
6
400226FX
460226FX
3Ø 250
4
3+PE
9
400239FX
460239FX
3Ø 480
4
3+PE
7
400237FX
460237FX
3Ø Y 120/208
5
3+N+PE
9
400249FX
460249FX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com