Electronic Components Datasheet Search
  English  ▼

X  

477412 Datasheet(PDF) 3 Page - Lapp.

Part # 477412
Description  20A Pin & Sleeve Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

477412 Datasheet(HTML) 3 Page - Lapp.

  477412 Datasheet HTML 1Page - Lapp. 477412 Datasheet HTML 2Page - Lapp. 477412 Datasheet HTML 3Page - Lapp. 477412 Datasheet HTML 4Page - Lapp. 477412 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
459
EPIC®
Pin & Sleeve Connectors
Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors.
Dimensional drawings can be found on the indicated pages and are the same for North American and international standards.
Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing.
IP44
IP67
60A & 100A Pin & Sleeve Connectors
North American Standard
Male Plugs & Inlets
Dimensional Data
60A: page 471
100A: page 474
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP67
60A
Male Plugs
Male Inlets
3Ø 250
4
3+PE
9
477317FX
476317FX
3Ø 480
4
3+PE
7
477517FX
476517FX
3Ø 120/208
5
3+N+PE
9
477327FX
476327FX
100A
3Ø 250
4
3+PE
9
477318FX
476318FX
3Ø 480
4
3+PE
7
249550FX
749550FX
3Ø 120/208
5
3+N+PE
9
477328FX
476328FX
Female Connectors
& Receptacles
Dimensional Data
60A: page 472
100A: page 474
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP67
IP67
60A
Female Connectors
Female Receptacles
3Ø 250
4
3+PE
9
473317FX
546322FX
446322FX
3Ø 480
4
3+PE
7
346350FX
546350FX
446350FX
3Ø 120/208
5
3+N+PE
9
473327FX
556322FX
456322FX
100A
3Ø 250
4
3+PE
9
473318FX
549322FX
449322FX
3Ø 480
4
3+PE
7
349550FX
549550FX
449550FX
3Ø 120/208
5
3+N+PE
9
473328FX
559322FX
459322FX
Switched-Socket Outlets
Dimensional Data
60A: page 473
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
Direct Connect
IP66/67
Direct Connect
IP55
60A
EPIC® ULYSSE
EPIC® ALUPRES
3Ø 250
4
3+PE
9
408339FX
460339FX
3Ø 480
4
3+PE
7
408337FX
460337FX
3Ø Y 120/208
5
3+N+PE
9
408349FX
460349FX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com