Electronic Components Datasheet Search
  English  ▼

X  

32923 Datasheet(PDF) 13 Page - Wiha Tools

Part # 32923
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32923 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 32923 Datasheet HTML 9Page - Wiha Tools 32923 Datasheet HTML 10Page - Wiha Tools 32923 Datasheet HTML 11Page - Wiha Tools 32923 Datasheet HTML 12Page - Wiha Tools 32923 Datasheet HTML 13Page - Wiha Tools 32923 Datasheet HTML 14Page - Wiha Tools 32923 Datasheet HTML 15Page - Wiha Tools 32923 Datasheet HTML 16Page - Wiha Tools 32923 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
Wiha Insulated 3/8” Sockets & Sets
1000Volt
24 Piece Insulated 3/8” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No.
Set includes the following:
1/4, 9/32, 5/16, 11/32, 3/8, 7/16
1/2, 9/16, 5/8,11/16, 3/4” Sockets
lbs.
3/8” x 125mm Extension Bar
9.07
3/8” x 250mm Extension Bar
3/8” Ratchet - 190mm
Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm
Phillips: 1, 2, 3
6.3” Long Nose Pliers
8.0” Combo Pliers
6.3” Diagonal Cutters
*Sockets must be used with insulated ratchets & extensions
1000Volt
24 Piece Insulated 3/8” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No.
Set includes the following:
6, 7, 8, 9, 10, 11, 12,
13, 14, 17, 19mm Sockets
lbs.
3/8” x 125mm Extension Bar
9.08
3/8” x 250mm Extension Bar
3/8” Ratchet - 190mm
Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm
Phillips: 1, 2, 3
6.3” Long Nose Pliers
8.0” Combo Pliers
6.3” Diagonal Cutters
*Sockets must be used with insulated ratchets & extensions
Insulated 3/8” Drive Ratchet, EN/IEC 60900
Chrome-Vanadium steel. Reversible.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
3/8”
190
7.5
.93
1
1000Volt
Insulated 3/8” Extension Bars, EN/IEC 60900
Chrome-Vanadium steel.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
3/8”
125
4.9
.41
1
3/8”
250
9.8
.57
1
1000Volt
Insulated 3/8” Drive T-handle Or Breaker Bar
Insulation according to EN/IEC 60900 specification, up to 1000 Volt
Rated. Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
3/8
200
7.9”
.55
1
3/8
225
9.0”
.68
1
1000Volt
Wiha Insulated 3/8” Socket accessories
10 Piece Insulated 3/8” T-handle & Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No.
Set includes the following:
8, 10, 11, 12, 13, 14, 17, 19mm
lbs.
3/8” x 125mm Extension Bar
2.47
Insulated 3/8” T-handle
1000Volt
10 Piece Insulated 3/8” T-handle & Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No.
Set includes the following:
5/16, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4”
lbs.
3/8” x 125mm Extension Bar
2.47
Insulated 3/8” T-handle
#12327
#29009
31495
31495
31592
31592
31496
31496
31595
31595
12852
12852
128
12856
12857
1000Volt
29009
12327
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com