Electronic Components Datasheet Search
  English  ▼

X  

720124 Datasheet(PDF) 4 Page - Lapp.

Part # 720124
Description  20A Pin & Sleeve Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

720124 Datasheet(HTML) 4 Page - Lapp.

  720124 Datasheet HTML 1Page - Lapp. 720124 Datasheet HTML 2Page - Lapp. 720124 Datasheet HTML 3Page - Lapp. 720124 Datasheet HTML 4Page - Lapp. 720124 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
460
EPIC®
Pin & Sleeve Connectors
Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors.
Dimensional drawings can be found on the indicated pages and are the same for North American and international standards.
Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing.
IP44
IP67
16A Pin & Sleeve Connectors
International Standard
Male Plugs & Inlets
Dimensional Data
Plugs: page 463
Receptacles: page 464
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
IP44
IP67
16A
Male Plugs
Male Inlets
110 - 130
3
2+PE
4
477203
700124
710124
477202
476203
200 - 250
3
2+PE
6
477303
700126
710126
477302
476303
200 - 250
4
3+PE
9
477313
700139
—
477312
476313
200 - 250
5
3+N+PE
9
477323
700149
—
477322
476323
380 - 415
4
3+PE
6
477413
700136
710136
477412
476413
380 - 415
5
3+N+PE
6
477423
700146
710146
477422
476423
Female Connectors
& Receptacles
Dimensional Data
Connectors: page 464
Receptacles: page 465
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
IP67
IP44
IP44
16A
Female Connectors
Female Receptacles
110 - 130
3
2+PE
4
473203
720124
730124
471263
431611
471262
200 - 250
3
2+PE
6
473303
720126
730126
471363
431622
471362
200 - 250
4
3+PE
9
473313
720139
—
471373
441622
471372
200 - 250
5
3+N+PE
9
473323
720149
—
471333
451622
471332
380 - 415
4
3+PE
6
473413
720136
730136
471473
441638
471472
380 - 415
5
3+N+PE
6
473423
720146
730146
471483
451638
471482
Switched-Socket Outlets
Dimensional Data
page 466
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
With Fuse Holder
IP66/67
Direct Connect
IP67
16A
EPIC® ULYSSE
EPIC® ALUPRES
110 - 130
3
2+PE
4
400124
460124
200 - 250
3
2+PE
6
400126
460126
200 - 250
4
3+PE
9
400139
460139
200 - 250
5
3+N+PE
9
400149
—
380 - 415
4
3+PE
6
400136
460136
380 - 415
5
3+N+PE
6
400146
460146



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com