Electronic Components Datasheet Search
  English  ▼

X  

720149 Datasheet(PDF) 1 Page - Lapp.

Part # 720149
Description  20A Pin & Sleeve Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

720149 Datasheet(HTML) 1 Page - Lapp.

  720149 Datasheet HTML 1Page - Lapp. 720149 Datasheet HTML 2Page - Lapp. 720149 Datasheet HTML 3Page - Lapp. 720149 Datasheet HTML 4Page - Lapp. 720149 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
457
EPIC®
Pin & Sleeve Connectors
Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors.
Dimensional drawings can be found on the indicated pages and are the same for North American and international standards.
Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing.
IP44
IP67
North American Standard
20A Pin & Sleeve Connectors
Male Plugs & Inlets
Dimensional Data
Connectors: page 463
Receptacles: page 464
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP44
IP67
20A
Male Plugs
Male Inlets
125
3
1+N+PE
4
477203FX
700124FX
475202FX
476203FX
250
3
2+PE
6
477303FX
700126FX
475302FX
476303FX
3Ø 250
4
3+PE
9
477313FX
700139FX
475312FX
476313FX
3Ø 480
4
3+PE
7
477513FX
700137FX
475512FX
476513FX
Female Connectors
& Receptacles
Dimensional Data
Connectors: page 465
Receptacles: page 466
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
IP67
IP44
IP67
IP44
IP44
20A
Female Connectors
Female Receptacles
125
3
1+N+PE
4
473203FX
720124FX
471263FX
431611FX
471262FX
250
3
2+PE
6
473303FX
720126FX
471363FX
431622FX
471362FX
3Ø 250
4
3+PE
9
473313FX
720139FX
471373FX
441622FX
471372FX
3Ø 480
4
3+PE
7
473513FX
720137FX
471573FX
441650FX
471572FX
Switched-Socket Outlets
Dimensional Data
page 466
Color
Code
Voltage /
Current Rating
Number
of Wires
Number
of Poles
Ground-Clock
Position
With Fuse Holder
IP66/67
Direct Connect
IP67
20A
EPIC® ULYSSE
EPIC® ALUPRES
125
3
1+N+PE
4
400124FX
460124FX
250
3
2+PE
6
400126FX
460126FX
3Ø 250
4
3+PE
9
400139FX
460139FX
3Ø 480
4
3+PE
7
400137FX
460137FX


Similar Part No. - 720149

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7201414 TEC-7201414 Datasheet
66Kb / 2P
G-Type Markers
More results

Similar Description - 720149

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0040 MOLEX11-130150-0040 Datasheet
45Kb / 1P
20 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0125 MOLEX11-130150-0125 Datasheet
47Kb / 1P
20 Amp Safeway Pin and Sleeve Connector with Flip Lid
130150-0126 MOLEX11-130150-0126 Datasheet
45Kb / 1P
20 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0188 MOLEX11-130150-0188 Datasheet
45Kb / 1P
60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0284 MOLEX11-130150-0284 Datasheet
45Kb / 1P
60 Amp Safeway Pin and Sleeve Device, Exposition Plug
130150-0285 MOLEX11-130150-0285 Datasheet
47Kb / 1P
60 Amp Safeway Pin and Sleeve Device, Exposition Receptacle
logo
PowerDynamics, Inc
SCM320MI4W POWERDYNAMICS-SCM320MI4W Datasheet
380Kb / 1P
20 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
SCM330MI4W POWERDYNAMICS-SCM330MI4W Datasheet
382Kb / 1P
30 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
SCM360MI6W POWERDYNAMICS-SCM360MI6W Datasheet
381Kb / 1P
60 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
logo
Hubbell Incorporated.
SAA34 HUBBELL-SAA34 Datasheet
223Kb / 1P
IEC and Insulgrip Pin and Sleeve Accessories Liquidtight Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com