Electronic Components Datasheet Search
  English  ▼

X  

PVPB3WSN Datasheet(PDF) 4 Page - E-SWITCH

Part # PVPB3WSN
Description  PVP Series Anti-vandal Switch Socket
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVPB3WSN Datasheet(HTML) 4 Page - E-SWITCH

  PVPB3WSN Datasheet HTML 1Page - E-SWITCH PVPB3WSN Datasheet HTML 2Page - E-SWITCH PVPB3WSN Datasheet HTML 3Page - E-SWITCH PVPB3WSN Datasheet HTML 4Page - E-SWITCH PVPB3WSN Datasheet HTML 5Page - E-SWITCH PVPB3WSN Datasheet HTML 6Page - E-SWITCH PVPB3WSN Datasheet HTML 7Page - E-SWITCH PVPB3WSN Datasheet HTML 8Page - E-SWITCH PVPB3WSN Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.e-switch.com
800.867.2717
4
PVP Series Anti-vandal Switch Socket
PVPB3 Wired
Socket
SHEET OF
8
8
PVP Catalog Drawing
20.50
[.807 in]
WIRE LEADS FREE END
STRIPPED AND TINNED
5.00
[.197 in]
140.0
10.0
5.5
.4 in
[
]
23.00
[.906 in]
SW1-NO
SW1-LED D
SW1-C
SW1-NC
SW1-LED A
SW1-LED B
SW1-LED C
17.00
[
.669 in]
SWITCH
WIRE
LENGTH
SW1-C
WIRE, 22 AWG AWM UL1007, GRAY
140.0 [5.5 in]
SW1-NO
WIRE, 22 AWG AWM UL1007, PURPLE
140.0 [5.5 in]
SW1-NC
WIRE, 22 AWG AWM UL1007, BROWN
140.0 [5.5 in]
SW1-LED D
WIRE, 22 AWG AWM UL1007, BLUE
140.0 [5.5 in]
SW1-LED A
WIRE, 22 AWG AWM UL1007, RED
140.0 [5.5 in]
SW1-LED B
WIRE, 22 AWG AWM UL1007,GREEN
140.0 [5.5 in]
SW1-LED C
WIRE, 22 AWG AWM UL1007, BLACK
140.0 [5.5 in]
** WIRE LEADS PROVIDED ARE DEPENDANT ON THE FUNCTION AND/OR **
ILLUMINATION SELECTED
SPDT RGB ILLUMINATED OPTION SHOWN
LED (+) AND (-) TERMINALS/WIRING ARE NOT INCLUDED ON
THE NON ILLUMINATED OPTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com