Electronic Components Datasheet Search
  English  ▼

X  

AD8177 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8177
Description  500 MHz, Triple 16 횞 5 Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8177 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8177 Datasheet HTML 17Page - Analog Devices AD8177 Datasheet HTML 18Page - Analog Devices AD8177 Datasheet HTML 19Page - Analog Devices AD8177 Datasheet HTML 20Page - Analog Devices AD8177 Datasheet HTML 21Page - Analog Devices AD8177 Datasheet HTML 22Page - Analog Devices AD8177 Datasheet HTML 23Page - Analog Devices AD8177 Datasheet HTML 24Page - Analog Devices AD8177 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD8177
Rev. 0 | Page 21 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5 V at TA = 25°C, G = +2, RL = 100 Ω (each output), VBLK = 0 V, output CM voltage = 0 V, differential I/O mode, unless
otherwise noted.
FREQUENCY (MHz)
–6
–4
–2
0
2
4
6
8
10
12
1
10
100
1000
Figure 20. Small Signal Frequency Response, 200 mV p-p
FREQUENCY (MHz)
1
10
100
1000
–6
–4
–2
0
2
4
6
8
10
12
Figure 21. Large Signal Frequency Response, 2 V p-p
FREQUENCY (MHz)
–4
–2
0
2
4
6
8
10
12
14
16
1
10
100
1000
2pF
0pF
5pF
10pF
Figure 22. Small Signal Frequency Response with Capacitive Loads
TIME (ns)
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
2
4
6
8
10
121416
1820
Figure 23. Small Signal Pulse Response, 200 mV p-p
TIME (ns)
2
4
6
8
10
121416
1820
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
Figure 24. Large Signal Pulse Response, 2 V p-p
TIME (ns)
–25
–20
–15
–10
–5
0
5
01
2345678
9
10
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
VIN
VOUT
ERROR
Figure 25. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com