Electronic Components Datasheet Search
  English  ▼

X  

PVPB3SSR Datasheet(PDF) 1 Page - E-SWITCH

Part # PVPB3SSR
Description  PVP Series Anti-vandal Switch Socket
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVPB3SSR Datasheet(HTML) 1 Page - E-SWITCH

  PVPB3SSR Datasheet HTML 1Page - E-SWITCH PVPB3SSR Datasheet HTML 2Page - E-SWITCH PVPB3SSR Datasheet HTML 3Page - E-SWITCH PVPB3SSR Datasheet HTML 4Page - E-SWITCH PVPB3SSR Datasheet HTML 5Page - E-SWITCH PVPB3SSR Datasheet HTML 6Page - E-SWITCH PVPB3SSR Datasheet HTML 7Page - E-SWITCH PVPB3SSR Datasheet HTML 8Page - E-SWITCH PVPB3SSR Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
PVP Series Anti-vandal Switch Socket
Features & Benefits
• PVP3 both solder lug and wired socket are compatible with PV3 Series switches featuring SPDT, DPDT, non illuminated, or
LED illuminated options
• PVPB3 wired socket is compatible with PVB3 Series switches featuring SPDT, non illuminated, LED, or RGB illuminated
options
• PVP4 both solder lug and wired socket are compatible with PV4 Series switches featuring SPDT, DPDT, non illuminated, or
LED illuminated options
• PVP7 both solder lug and wired socket are compatible with PV7 Series switches featuring SPDT non illuminated, or LED
illuminated options
• PVP8 wired socket is compatible with PV8, PV9, and PV10 Series switches featuring SPDT, DPDT, non illuminated, or LED
illuminated options
• Wire, 22 AWG AWM UL1007
• Wire length 140.0 [5.5 in]
Specifications subject to change without notice
PVP
3 - PV3
B3 - PVB3**
4 - PV4
7 - PV7*
8 - PV8, PV9, PV10**
N - Non Illuminated
3 - LED Illuminated
R - RGB ***
Series
Anti-Vandal
Options
Illumination
Options
Medical Equipment
S - Solder Lug**
W - Wire Leads
140mm long
Terminal
Options
S - SPDT
D - DPDT*
Circuit
Options
NOTES:
PVP Sockets not compatible with tri-color RGB illumination options
*DPDT circuit option unavailable for the Anti-Vandal Option B3 - PVB3 and 7 - PV7
**Solder Lug terminal option unavailable for Anti-Vandal Option B3 - PVB3 and 8 - PV8, PV9, PV10
*** RGB Illumination is only available for the PVB3 socket
Specifications subject to change without notice 6.26.2024


Similar Part No. - PVPB3SSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVP-2150 ETC1-PVP-2150 Datasheet
181Kb / 2P
pin assignment
logo
LEMO Connectors
PVP.0M.303.XLM LEMO-PVP.0M.303.XLM Datasheet
78Kb / 4P
M - Rugged Ratchet coupling
PVP.0M.305.XLP LEMO-PVP.0M.305.XLP Datasheet
78Kb / 4P
M - Rugged Ratchet coupling
PVP.0V.250.CLLC30 LEMO-PVP.0V.250.CLLC30 Datasheet
67Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
PVP.0V.250.CLLC45 LEMO-PVP.0V.250.CLLC45 Datasheet
67Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
More results

Similar Description - PVPB3SSR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com