Electronic Components Datasheet Search
  English  ▼

X  

2SEPC100MZ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SEPC100MZ
Description  Radial Lead Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SEPC100MZ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SEPC100MZ Datasheet HTML 1Page - Panasonic Semiconductor 2SEPC100MZ Datasheet HTML 2Page - Panasonic Semiconductor 2SEPC100MZ Datasheet HTML 3Page - Panasonic Semiconductor 2SEPC100MZ Datasheet HTML 4Page - Panasonic Semiconductor 2SEPC100MZ Datasheet HTML 5Page - Panasonic Semiconductor 2SEPC100MZ Datasheet HTML 6Page - Panasonic Semiconductor 2SEPC100MZ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Conductive Polymer Aluminum
Solid Capacitors
● Super low ESR (5 mΩ max.)
● Large capacitance (2700 μF max.)
● RoHS compliance, Halogen free
・E12, E13, F13 size
・B9, C55, C6, C9, E7, E9 size
B9, C55, C6, C9, E7, E9 size flat rubber is used.
Unit:mm
* Depends on the case size.
*1: 2SEPC390M、2SEPC560M : 0.5±0.05
*2: 16SEPC150MD、10SEPC270M : 0.45±0.05
F13
10.0
13.0
5.0
0.6
E13
8.0
13.0
3.5
0.6
E12
8.0
12.0
3.5
0.6
E9
8.0
9.0
3.5
0.6
E7
8.0
7.0
3.5
0.6*2
C9
6.3
9.0
2.5
0.6
E9
E12
E13
C6
6.3
6.0
2.5
0.45*1
C55
6.3
5.5
2.5
0.45
03-Feb-17
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Endurance
Please see the attached characteristics list
Please see the attached characteristics list
Dissipation factor (tan δ)
DC leakage current
Rated voltage range (V.DC)
Damp heat
(Steady state)
Marking
≦ 150 % of the initial limit
Within the initial limit (after voltage processing)
Capacitance change
Dissipation factor (tanδ)
DC leakage current
+60 ℃, 90 % to 95 %, 1000 h, No-applied voltage
Within ±20 % of the initial value
Dimensions (not to scale)
B9
5.0
9.0
2.0
0.6
B9
C55
C6
Category temp. range
–55 ℃ to +105 ℃
Capacitance tolerance
Nominal cap.range (μF) 100 to 560
220
100 to 560 100 to 820 150 to 1000
180 to 1000
F13
2.5
6.3
2.5 to 16
6.3 to 16 2.5 to 16
16
2.5 to 6.3 2.5 to 16
C9
E7
Radial Lead Type
Within ±20 % of the initial value
180 to 270 470 to 820 470 to 2700
Size code
φD±0.5
L max.
F±0.5
φd±0.05
Dissipation factor (tanδ)
DC leakage current
±20 % (120 Hz / +20 ℃)
+105 ℃ 5000 h, rated voltage applied
≦ 150 % of the initial limit
Within the initial limit
Capacitance change
Features
Specifications
SEPC series
Size code
Polarity marking (−)
R. capacitance
(μF)
Series code*
R. voltage
(V.DC)
Lot No.
⊕
⊖
15 min.
4 min.
19 min.
L
φd
⊕
⊖
15 min.
4 min.
19 min.
L
φd


Similar Part No. - 2SEPC100MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SEPC100MZ PANASONIC-2SEPC100MZ Datasheet
55Kb / 2P
Radial Lead Type
More results

Similar Description - 2SEPC100MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com