Electronic Components Datasheet Search
  English  ▼

X  

2SEPC330MZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SEPC330MZ
Description  Radial Lead Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SEPC330MZ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SEPC330MZ Datasheet HTML 1Page - Panasonic Semiconductor 2SEPC330MZ Datasheet HTML 2Page - Panasonic Semiconductor 2SEPC330MZ Datasheet HTML 3Page - Panasonic Semiconductor 2SEPC330MZ Datasheet HTML 4Page - Panasonic Semiconductor 2SEPC330MZ Datasheet HTML 5Page - Panasonic Semiconductor 2SEPC330MZ Datasheet HTML 6Page - Panasonic Semiconductor 2SEPC330MZ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Conductive Polymer Aluminum Solid Capacitors
*1: Ripple current(100 kHz / +105 ℃)
*2: ESR(100 kHz to 300 kHz / +20 ℃)
*3: tan δ (120 Hz / +20 ℃)
*4: After 2 minutes
◆ Please refer to each page in this catarog for “Flow conditions” and “Taping specifications”.
8
0.10
592
6SEPC470MX
560
10
16
100
180
270
0.10
18
0.10
1260
6SEPC1000MD
10.0
13.0
F13
5560
10
0.10
1890
6SEPC1500M
3530
4SEPC820M
6.3
220
6.3
5.5
C55
2980
18
0.12
280
6SEPC220M
470
6.3
9.0
C9
5600
7
0.10
592
6SEPC470MW
8.0
9.0
E9
5700
4SEPC560M
680
8.0
13.0
6100
7
0.10
544
4SEPC680M
4SEPC560MW
8.0
9.0
E9
6100
7
0.10
500
4SEPC560MX
4.0
560
6.3
9.0
C9
5600
7
0.10
500
8.0
13.0
E13
6100
7
0.10
500
820
10.0
13.0
F13
6640
7
0.10
656
2700
10.0
13.0
F13
5560
10
0.10
1350
2SEPC2700M
8.0
13.0
E13
6100
7
0.10
500
2R5SEPC820M
1000
8.0
9.0
E9
6100
7
0.10
500
2SEPC1000MX
8.0
9.0
E9
6100
7
0.10
500
2SEPC820MX
8.0
9.0
7200
5
0.10
500
2SEPC820MY
C9
5600
7
0.10
500
2SEPC820MW
8.0
7.0
E7
5300
8
0.10
500
2SEPC820MD
500
2SEPC560MW
8.0
9.0
E9
4700
8
0.10
280
2SEPC560MX
500
2SEPC560MZ
6.3
6.0
C6
3900
10
0.12
500
2SEPC560M
2.5
B9
470
5.0
9.0
B9
4180
7
0.10
560
5.0
9.0
4180
7
0.10
6.3
9.0
C9
5600
7
0.10
820
6.3
9.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Feb-17
100 kHz ≦ f < 500 kHz
1
10 kHz ≦ f < 100 kHz
0.7
1 kHz ≦ f < 10 kHz
0.3
120 Hz ≦ f < 1 kHz
Frequency(f)
Coefficient
Frequency correction factor for ripple current
SEPC series
0.05
220
Characteristics list
16SEPC100MW
270
1500
8.0
9.0
E9
1000
10.0
13.0
F13
6640
7
0.10
6SEPC560MW
705
6SEPC560MX
680
7.0
E7
Rated
voltage
(V.DC)
Rated
capacitance
(±20 %)
(μF)
Case size
Size
code
Specifications
Part number
(mm)
φD
L
Ripple
current *1
(mA rms)
ESR*2
(mΩ max.)
tan δ*3
LC*4
(μA)
857
2SEPC390M
8.0
13.0
E13
5700
8
0.10
592
6SEPC470M
6.3
9.0
C9
5600
7
0.10
705
6SEPC680M
6100
7
6.3
6.0
C6
3900
500
2SEPC470MZ
500
2SEPC100MZ
330
5.0
9.0
4180
7
0.10
500
2SEPC330MZ
4180
0.12
7
0.10
500
100
5.0
9.0
390
10
8.0
8.0
7.0
E7
3220
22
0.12
500
10SEPC270MD
6.3
6.0
C6
2490
24
0.10
320
16SEPC100M
6.3
9.0
C9
4680
10
0.10
500
150
8.0
7.0
E7
3220
22
0.12
500
16SEPC150MD
8.0
9.0
E9
5000
10
0.10
576
16SEPC180MX
8.0
12.0
E12
4360
16
0.10
576
16SEPC180M
8.0
7.0
E7
4150
13
0.10
500
16SEPC220MD
8.0
9.0
E9
5000
10
0.10
864
16SEPC270MX
8.0
12.0
E12
5000
11
0.10
864
16SEPC270M
470
10.0
13.0
F13
6100
10
0.10
1504
16SEPC470M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com